Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS140P Datasheet(PDF) 2 Page - WILLAS ELECTRONIC CORP

Part # SCS140P
Description  VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

SCS140P Datasheet(HTML) 2 Page - WILLAS ELECTRONIC CORP

  SCS140P Datasheet HTML 1Page - WILLAS ELECTRONIC CORP SCS140P Datasheet HTML 2Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES (SCS120P THRU SCS1100P)
Average Forward Rectified Current - Amperesversus
Ambient Temperature - °C
0
.2
.4
.6
°C
150
.8
1.0
1.2
1
100
4
0
10
20
30
8
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
2
10 20
60 80
40
40
50
4
6
20
10
.01
.02
.04
.06
.1
.2
.4
.6
1
2
Instantaneous Forward Current -Am peresversus
Instantaneous Forward Voltage - Volts
Amps
Vol ts
FIG.1 TYPICAL FORWARD CHARACTERISTICS
0 .4
.6
.8
1.0 1.2 1.4
Amps
Single Phase, Half Wave
60Hz Resistive or Inductive Load
0
50
75
100
125
175
FIG.4-PEAK FORWAED SURGE CURRENT
FIG.3-FORWARD DERATING CURVE
SCS120P THRU
VOLTAGE 20V ~ 100V
1.0AMP Schottky Barrier Rectifiers
SCS1100P
°C
T =
Volts
J
1
2
6
10
20
60
40
4
pF
.1
2
4
1
10 20 40
100 200 400 1000
25
FIG.2-JUNCTION CAPACITANCE
WILLAS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com