Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

031-326-RFX Datasheet(PDF) 6 Page - Amphenol Corporation

Part # 031-326-RFX
Description  BNC Connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

031-326-RFX Datasheet(HTML) 6 Page - Amphenol Corporation

Back Button 031-326-RFX Datasheet HTML 2Page - Amphenol Corporation 031-326-RFX Datasheet HTML 3Page - Amphenol Corporation 031-326-RFX Datasheet HTML 4Page - Amphenol Corporation 031-326-RFX Datasheet HTML 5Page - Amphenol Corporation 031-326-RFX Datasheet HTML 6Page - Amphenol Corporation 031-326-RFX Datasheet HTML 7Page - Amphenol Corporation 031-326-RFX Datasheet HTML 8Page - Amphenol Corporation 031-326-RFX Datasheet HTML 9Page - Amphenol Corporation 031-326-RFX Datasheet HTML 10Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
110
Amphenol® RF:
800-627-7100
BNC
BNC
50Ω Cable Connectors
Straight Crimp Plugs
Cable
Plating
Termination
Group
Part Number
Body
Contact
Body
Contact
Grade
B
031-315
Nickel
Gold
Crimp
Crimp
Industrial
B
031-315-RFX
Nickel
Gold
Crimp
Crimp
Commercial
B1
031-242
Nickel
Gold
Crimp
Crimp
Industrial
B1
031-242-RFX
Nickel
Gold
Crimp
Crimp
Commercial
B2
031-315-1005
Nickel
Gold
Crimp
Crimp
Industrial
C
031-320
Nickel
Gold
Crimp
Crimp
Industrial
C
031-320-RFX
Nickel
Gold
Crimp
Crimp
Commercial
C
031-4320 (QPL)
Silver
Gold
Crimp
Crimp
Industrial
C
031-5800
Nickel
Gold
Crimp
Solder
Commercial
C1
031-326
Nickel
Gold
Crimp
Crimp
Industrial
C1
031-326-RFX
Nickel
Gold
Crimp
Crimp
Commercial
C1
031-4427 (QPL)
Silver
Gold
Crimp
Crimp
Industrial
D
031-320-1006
Nickel
Gold
Crimp
Crimp
Industrial
E
031-321
Nickel
Gold
Crimp
Solder
Industrial
E
031-321-RFX
Nickel
Gold
Crimp
Crimp
Commercial
E
031-4321 (QPL)
Silver
Gold
Crimp
Crimp
Industrial
E
031-5900
Nickel
Gold
Crimp
Solder
Commercial
E
000-68175-1005
Nickel
Gold
Crimp
Crimp
Industrial
E
000-68175-11RFX
Nickel
Gold
Crimp
Crimp
Commercial
E1
000-68175-5RFX
Nickel
Gold
Crimp
Crimp
Commercial
E2
031-321-1000
Nickel
Gold
Crimp
Crimp
Industrial
F
000-68175-1003
Nickel
Gold
Crimp
Crimp
Industrial
G2
031-5999-RFX
Nickel
Gold
Crimp
Crimp
Commercial
G2
031-6006
Nickel
Gold
Crimp
Crimp
Commercial
G3
031-5998-RFX
Nickel
Gold
Crimp
Crimp
Commercial
H2
031-4411
Nickel
Gold
Crimp
Crimp
Industrial
K3
031-325
Nickel
Gold
Crimp
Crimp
Industrial
Angle Crimp Plugs
Cable
Plating
Termination
Group
Part Number
Body
Contact
Body
Contact
Grade
B
031-316
Nickel
Gold
Crimp
Crimp
Industrial
C
031-335
Nickel
Gold
Crimp
Crimp
Industrial
C
031-335-RFX
Nickel
Gold
Crimp
Crimp
Commercial
E
031-336
Nickel
Gold
Crimp
Crimp
Industrial
E
031-336-RFX
Silver
Gold
Crimp
Crimp
Commercial
G2
031-6005-RFX
Nickel
Gold
Crimp
Solder
Commercial
G3
031-6004-RFX
Nickel
Gold
Solder
Crimp
Commercial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com