Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z0103MAT/R Datasheet(PDF) 4 Page - NXP Semiconductors

Part # Z0103MAT/R
Description  Logic level four-quadrant triac
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

Z0103MAT/R Datasheet(HTML) 4 Page - NXP Semiconductors

  Z0103MAT/R Datasheet HTML 1Page - NXP Semiconductors Z0103MAT/R Datasheet HTML 2Page - NXP Semiconductors Z0103MAT/R Datasheet HTML 3Page - NXP Semiconductors Z0103MAT/R Datasheet HTML 4Page - NXP Semiconductors Z0103MAT/R Datasheet HTML 5Page - NXP Semiconductors Z0103MAT/R Datasheet HTML 6Page - NXP Semiconductors Z0103MAT/R Datasheet HTML 7Page - NXP Semiconductors Z0103MAT/R Datasheet HTML 8Page - NXP Semiconductors Z0103MAT/R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Z0103MA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 18 March 2011
4 of 13
NXP Semiconductors
Z0103MA
4Q Triac
Fig 3.
Total power dissipation as a function of RMS on-state current; maximum values
Fig 4.
Non-repetitive peak on-state current as a function of the number of sinusoidal current cycles; maximum
values
003aac259
0.0
0.4
0.8
1.2
1.6
2.0
0
0.2
0.4
0.6
0.8
1
1.2
IT(RMS ) (A)
Ptot
(W)
a = 180°
120°
90°
60°
30°
conduction
angle
(degrees)
form
factor
a
30
60
90
120
180
4
2.8
2.2
1.9
1.57
Ω
003aad318
0
2
4
6
8
10
1
10
10
2
10
3
number of cycles
ITSM
(A)
ITSM
t
IT
Tj(init) = 25 °C max
1/f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com