Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z0107MAT/R Datasheet(PDF) 6 Page - NXP Semiconductors

Part # Z0107MAT/R
Description  Logic level four-quadrant triac
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

Z0107MAT/R Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button Z0107MAT/R Datasheet HTML 2Page - NXP Semiconductors Z0107MAT/R Datasheet HTML 3Page - NXP Semiconductors Z0107MAT/R Datasheet HTML 4Page - NXP Semiconductors Z0107MAT/R Datasheet HTML 5Page - NXP Semiconductors Z0107MAT/R Datasheet HTML 6Page - NXP Semiconductors Z0107MAT/R Datasheet HTML 7Page - NXP Semiconductors Z0107MAT/R Datasheet HTML 8Page - NXP Semiconductors Z0107MAT/R Datasheet HTML 9Page - NXP Semiconductors Z0107MAT/R Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Z0107MA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 04 — 21 March 2011
6 of 14
NXP Semiconductors
Z0107MA
4Q Triac
5.
Thermal characteristics
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-lead)
thermal resistance from junction
to lead
full cycle; see Figure 6
--60
K/W
Rth(j-a)
thermal resistance from junction
to ambient
full cycle; printed circuit board mounted;
lead length = 4 mm
-
150
-
K/W
Fig 6.
Transient thermal impedance from junction to lead as a function of pulse width
10-1
10-2
1
10
Zth(j-lead)
(K/W)
tp (s)
10-5
110
10-1
10-2
10-4
10-3
102
003aac206
tp
P
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com