Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z0103NA2AL2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # Z0103NA2AL2
Description  Standard 1A Triacs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0103NA2AL2 Datasheet(HTML) 1 Page - STMicroelectronics

  Z0103NA2AL2 Datasheet HTML 1Page - STMicroelectronics Z0103NA2AL2 Datasheet HTML 2Page - STMicroelectronics Z0103NA2AL2 Datasheet HTML 3Page - STMicroelectronics Z0103NA2AL2 Datasheet HTML 4Page - STMicroelectronics Z0103NA2AL2 Datasheet HTML 5Page - STMicroelectronics Z0103NA2AL2 Datasheet HTML 6Page - STMicroelectronics Z0103NA2AL2 Datasheet HTML 7Page - STMicroelectronics Z0103NA2AL2 Datasheet HTML 8Page - STMicroelectronics Z0103NA2AL2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
December 2010
Doc ID 7474 Rev 10
1/12
12
Z01
Standard 1A Triacs
Features
■ On-state rms current, IT(RMS) 1 A
■ Repetitive peak off-state voltage, VDRM/VRRM
600 or 800 V
■ Triggering gate current, IGT (Q1) 3 to 25 mA
Description
The Z01 series is suitable for general purpose AC
switching applications. These devices are
typically used in applications such as home
appliances (electrovalve, pump, door lock, small
lamp control), fan speed controllers,...
Different gate current sensitivities are available,
allowing optimized performance when driven
directly through microcontrollers.
A2
A1
G
A2
A1
G
A1
A2
G
A1
A2
G
A2
TO-92
Z01xxA
SOT-223
Z01xxN
SMBflat-3L
Z01xxMUF
www.st.com


Similar Part No. - Z0103NA2AL2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z0103NA2AL2 STMICROELECTRONICS-Z0103NA2AL2 Datasheet
74Kb / 8P
1A TRIACS
14-Dec-2010
Z0103NA2AL2 STMICROELECTRONICS-Z0103NA2AL2 Datasheet
96Kb / 9P
1 A Triacs
10-Oct-2006
More results

Similar Description - Z0103NA2AL2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01 Datasheet
74Kb / 8P
1A TRIACS
14-Dec-2010
T2512MH STMICROELECTRONICS-T2512MH Datasheet
306Kb / 5P
STANDARD TRIACS
logo
JIEJIE MICROELECTRONICS...
JST01 JIEJIE-JST01 Datasheet
416Kb / 4P
1A TRIACs
logo
Tiger Electronic Co.,Lt...
Z0103MA TGS-Z0103MA Datasheet
153Kb / 1P
1A TRIACS
logo
Nell Semiconductor Co.,...
1T06E-D NELLSEMI-1T06E-D Datasheet
469Kb / 5P
Standard TRIACs, 1A
logo
Unisonic Technologies
UZ0103 UTC-UZ0103 Datasheet
166Kb / 3P
1A TRIACS
logo
Kersemi Electronic Co.,...
Z0103MN KERSEMI-Z0103MN Datasheet
1Mb / 10P
Standard 1A Triacs
logo
JIEJIE MICROELECTRONICS...
ACJT1 JIEJIE-ACJT1 Datasheet
376Kb / 5P
1A TRIACs
JST131 JIEJIE-JST131 Datasheet
257Kb / 5P
1A TRIACs
logo
STMicroelectronics
BTA10B STMICROELECTRONICS-BTA10B Datasheet
88Kb / 5P
STANDARD TRIACS
Mar-1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com