Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

000-36800-RFX Datasheet(PDF) 14 Page - Amphenol Corporation

Part # 000-36800-RFX
Description  BNC Connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

000-36800-RFX Datasheet(HTML) 14 Page - Amphenol Corporation

Back Button 000-36800-RFX Datasheet HTML 8Page - Amphenol Corporation 000-36800-RFX Datasheet HTML 9Page - Amphenol Corporation 000-36800-RFX Datasheet HTML 10Page - Amphenol Corporation 000-36800-RFX Datasheet HTML 11Page - Amphenol Corporation 000-36800-RFX Datasheet HTML 12Page - Amphenol Corporation 000-36800-RFX Datasheet HTML 13Page - Amphenol Corporation 000-36800-RFX Datasheet HTML 14Page - Amphenol Corporation 000-36800-RFX Datasheet HTML 15Page - Amphenol Corporation 000-36800-RFX Datasheet HTML 16Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
118
Amphenol® RF:
800-627-7100
75Ω Adapters
Straight Plug-Plug
Plating
Part Number
Body
Contact
Type
Grade
031-218-75RFX
Nickel
Gold
2
Commercial
Straight Jack-Jack
Plating
Part Number
Body
Contact
Type
Grade
031-70019
Nickel
Gold
1
Industrial
031-220N-75
Nickel
Gold
2
Industrial
Straight Bulkhead Jack-Jack
Plating
Part Number
Body
Contact
Description
Type
Grade
031-220N-75RFX
Nickel
Gold
Not Gasketed
2
Commercial
031-4803-75
Nickel
Gold
Isolated
2
Industrial
031-70020
Nickel
Gold
Gasketed
1
Industrial
031-219-75
Nickel
Gold
2
Commercial
Angle Jack-Plug
Plating
Part Number
Body
Contact
Type
Grade
031-9-75
Nickel
Gold
2
Industrial
031-9-75RFX
Nickel
Gold
2
Commercial
T- Adapters
Plating
Part Number
Body
Contact
Type
Grade
031-70036
Nickel
Gold
1
Industrial
BNC
BNC
Straight Bulkhead Jacks
Plating
Part Number
Body
Contact
Mounting Style
Type
Grade
031-71059
Nickel
Gold
Blunt Post
2
Industrial
031-71059-1010
Nickel
Gold
compliant Pin
2
Industrial
75Ω Printed Circuit Board Connectors (continued)
Angle Bulkhead Jacks
Plating
Part Number
Body
Contact
Mounting Style
Type
Grade
031-71042
Nickel
Gold
Blunt Post
2
Industrial
031-71047-1010
Nickel
Gold
compliant Pin
2
Industrial
031-70221
Nickel
Gold
Blunt Post
1
Industrial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com