Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5755 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5755
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5755 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5755 Datasheet HTML 17Page - Analog Devices AD5755 Datasheet HTML 18Page - Analog Devices AD5755 Datasheet HTML 19Page - Analog Devices AD5755 Datasheet HTML 20Page - Analog Devices AD5755 Datasheet HTML 21Page - Analog Devices AD5755 Datasheet HTML 22Page - Analog Devices AD5755 Datasheet HTML 23Page - Analog Devices AD5755 Datasheet HTML 24Page - Analog Devices AD5755 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Data Sheet
AD5735
Rev. B | Page 21 of 48
–0.005
–0.010
–0.015
–0.020
–0.025
–0.030
–0.035
0.005
0
10
5
15
20
25
30
SUPPLY (V)
4mA TO 20mA RANGE
TA = 25°C
AVSS = –26.4V FOR AVDD > +26.4V
AVSS = –10.8V FOR AVDD < +10.8V
MAX TUE
MIN TUE
Figure 43. Total Unadjusted Error vs. Supply, External RSET
4mA TO 20mA RANGE
TA = 25°C
–0.02
–0.01
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
AVSS = –26.4V FOR AVDD > +26.4V
AVSS = –10.8V FOR AVDD < +10.8V
MIN TUE
10
5
15
20
25
30
SUPPLY (V)
MAX TUE
Figure 44. Total Unadjusted Error vs. Supply, Internal RSET
6
5
4
3
2
1
0
0
20
15
10
5
TIME (µs)
AVDD = +15V
AVSS = –15V
TA = 25°C
RLOAD = 300Ω
Figure 45. Current vs. Time on Power-Up
4
–10
–8
–6
–4
–2
0
2
0
1
2
3
4
5
6
TIME (µs)
AVDD = +15V
AVSS = –15V
TA = 25°C
RLOAD = 300Ω
INT_ENABLE = 1
Figure 46. Current vs. Time on Output Enable
0
5
10
15
20
25
30
–0.50 –0.25
0
0.25
0.50
0.75
1.00 1.25
1.50
1.75 2.00
TIME (ms)
0mA TO 24mA RANGE
1kΩ LOAD
fSW = 410kHz
INDUCTOR = 10µH (XAL4040-103)
AVCC = 5V
TA = 25°C
IOUT_x
VBOOST_x
Figure 47. Output Current and VBOOST_x Settling Time
with DC-to-DC Converter (See Figure 77)
0
5
10
15
20
25
30
–0.25
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
TIME (ms)
TA = –40°C
TA = +25°C
TA = +105°C
0mA TO 24mA RANGE
1kΩ LOAD
fSW = 410kHz
INDUCTOR = 10µH (XAL4040-103)
AVCC = 5V
Figure 48. Output Current Settling Time with DC-to-DC Converter
over Temperature (See Figure 77)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com