Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD823AARZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD823AARZ-R7
Description  Wide Supply Dual, 17 MHz, Rail-to-Rail
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD823AARZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD823AARZ-R7 Datasheet HTML 4Page - Analog Devices AD823AARZ-R7 Datasheet HTML 5Page - Analog Devices AD823AARZ-R7 Datasheet HTML 6Page - Analog Devices AD823AARZ-R7 Datasheet HTML 7Page - Analog Devices AD823AARZ-R7 Datasheet HTML 8Page - Analog Devices AD823AARZ-R7 Datasheet HTML 9Page - Analog Devices AD823AARZ-R7 Datasheet HTML 10Page - Analog Devices AD823AARZ-R7 Datasheet HTML 11Page - Analog Devices AD823AARZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD823A
Data Sheet
Rev. | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
–5
–4
–3
–2
–1
0
1
FREQUENCY (Hz)
1k
10k
100k
1M
10M
VS = +5V
VOUT = 0.2V p-p
G = +1
Figure 7. Small Signal Bandwidth, G = +1
0
10
20
30
40
50
60
70
–400
–300
–200
–100
0
100
200
300
400
INPUT OFFSET VOLTAGE (µV)
VS = +5V
350 UNITS
σ = 113µV
x = 10µV
Figure 8. Typical Distribution of Input Offset Voltage
10
20
30
40
50
60
70
80
90
0
100
10
INPUT OFFSET VOLTAGE DRIFT (µV/°C)
–4
–2
0
2
4
6
8
VS = +5V
–55°C TO +125°C
240 AMPLIFIERS
x = 991nV/°C
σ = 1.04µV/°C
Figure 9. Typical Distribution of Input Offset Voltage Drift
0
2
4
6
8
10
12
14
0
100
200
300
400
500
600
700
800
INPUT BIAS CURRENT (fA)
VS = ±2.5V
47 AMPLIFIERS
σ = 110fA
x = 270fA
Figure 10. Typical Distribution of Input Bias Current
–5
–4
–3
–2
–1
0
1
2
3
–5
–4
–3
–2
–1
0
1
2
3
4
5
COMMON-MODE VOLTAGE (V)
VS = +5V
Figure 11. Input Bias Current vs. Common-Mode Voltage
0.1
1
10
1000
100
TEMPERATURE (°C)
0
25
50
75
100
125
VS = +5V
VCM = 0V
Figure 12. Input Bias Current vs. Temperature
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com