Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD620 Datasheet(PDF) 6 Page - Analog Devices

Part # AD620
Description  Wide Supply Range, Micropower,
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD620 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD620 Datasheet HTML 2Page - Analog Devices AD620 Datasheet HTML 3Page - Analog Devices AD620 Datasheet HTML 4Page - Analog Devices AD620 Datasheet HTML 5Page - Analog Devices AD620 Datasheet HTML 6Page - Analog Devices AD620 Datasheet HTML 7Page - Analog Devices AD620 Datasheet HTML 8Page - Analog Devices AD620 Datasheet HTML 9Page - Analog Devices AD620 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD8420
Data Sheet
Rev. 0 | Page 6 of 28
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OUTPUT
Output Swing
RL = 20 kΩ to Ground
TA = +25°C
−VS + 0.13
+VS − 0.2
V
TA = +85°C
−VS + 0.15
+VS − 0.23
V
TA = –40°C
−VS + 0.11
+VS − 0.16
V
Short-Circuit Current
10
mA
POWER SUPPLY
Operating Range
Dual-supply operation4
±2.7
±18
V
Quiescent Current
VS = ±15 V
TA = +25°C
70
85
100
μA
TA = +85°C
120
μA
TA = −40°C
90
μA
TEMPERATURE RANGE
Specified
−40
+85
°C
Operational5
−40
+125
°C
1 See the
section for the offset voltage vs. supply.
Typical Performance Characteristics
2 The input stage uses PNP transistors; therefore, input bias current always flows out of the part.
3 For G > 1, errors from External Resistor R1 and External Resistor R2 should be considered in addition to these specifications, including error from FB pin bias current.
4 Minimum positive supply voltage indicated for V+IN, V−IN, and VREF = 0 V. With V+IN, V−IN, and VREF = −VS, minimum supply is ±1.35 V.
5 See the Typical Performance Characteristics section for operation between 85°C and 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com