Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5660 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5660
Description  Industrial Current/Voltage Output Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5660 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5660 Datasheet HTML 17Page - Analog Devices AD5660 Datasheet HTML 18Page - Analog Devices AD5660 Datasheet HTML 19Page - Analog Devices AD5660 Datasheet HTML 20Page - Analog Devices AD5660 Datasheet HTML 21Page - Analog Devices AD5660 Datasheet HTML 22Page - Analog Devices AD5660 Datasheet HTML 23Page - Analog Devices AD5660 Datasheet HTML 24Page - Analog Devices AD5660 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Data Sheet
AD5750/AD5750-1/AD5750-2
Rev. D | Page 21 of 36
3000
2500
2000
1500
1000
500
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
LOGIC LEVEL (V)
DVCC = 5V
DVCC = 3V
Figure 48. DICC vs. Logic Input Voltage
6
5
4
3
2
1
0
–1
–2
–3
AVDD/AVSS (V)
±10.8
±15.0
±24.0
±26.4
AIDD
AISS
Figure 49. AIDD/AISS vs. AVDD/AVSS, VOUT = 0 V
6
5
4
3
2
1
0
–1
–2
–3
AVDD/AVSS (V)
±10.8
±15.0
±24.0
±26.4
AIDD
AISS
Figure 50. AIDD/AISS vs. AVDD/AVSS, IOUT = 0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com