Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD621 Datasheet(PDF) 9 Page - Analog Devices

Part # AD621
Description  Wide Supply Range, Micropower,
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD621 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD621 Datasheet HTML 5Page - Analog Devices AD621 Datasheet HTML 6Page - Analog Devices AD621 Datasheet HTML 7Page - Analog Devices AD621 Datasheet HTML 8Page - Analog Devices AD621 Datasheet HTML 9Page - Analog Devices AD621 Datasheet HTML 10Page - Analog Devices AD621 Datasheet HTML 11Page - Analog Devices AD621 Datasheet HTML 12Page - Analog Devices AD621 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
AD8420
Rev. 0 | Page 9 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
T = 25°C, +VS = 5 V, RL = 20 kΩ, unless otherwise noted.
700
600
500
400
300
200
100
0
–150
–100
–50
0
50
100
150
VOS (µV)
MEAN: –34.8195
SD: 31.3406
Figure 3. Typical Distribution of Input Offset Voltage
700
600
500
400
300
200
100
0
25
24
23
22
21
20
POSITIVE BIAS CURRENT (nA)
MEAN: 22.6643
SD: 0.6058
Figure 4. Typical Distribution of Input Bias Current
1200
1000
800
600
400
200
0
–0.9
–0.6
–0.3
0
0.3
0.6
0.9
OFFSET CURRENT (nA)
MEAN: 0.000646761
SD: 0.111551
Figure 5. Typical Distribution of Input Offset Current
700
600
500
400
300
200
100
0
10
8
6
4
2
0
CMRR, ±15V (µV/V)
MEAN: 4.63764
SD: 1.09498
Figure 6. Typical Distribution of CMRR
gm2 POSITIVE BIAS CURRENT (nA)
700
600
500
400
300
200
100
0
25
24
23
22
21
20
MEAN: 22.706
SD: 0.615728
Figure 7. Typical Distribution of REF, FB Bias Current
1200
1000
800
600
400
200
0
–0.9
–0.6
–0.3
0
0.3
0.6
0.9
gm2 OFFSET CURRENT (nA)
MEAN: 0.00144205
SD: 0.112088
Figure 8. Typical Distribution of REF, FB Offset Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com