Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2303 Datasheet(PDF) 37 Page - Analog Devices

Part # ADP2303
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2303 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADP2303 Datasheet HTML 33Page - Analog Devices ADP2303 Datasheet HTML 34Page - Analog Devices ADP2303 Datasheet HTML 35Page - Analog Devices ADP2303 Datasheet HTML 36Page - Analog Devices ADP2303 Datasheet HTML 37Page - Analog Devices ADP2303 Datasheet HTML 38Page - Analog Devices ADP2303 Datasheet HTML 39Page - Analog Devices ADP2303 Datasheet HTML 40Page - Analog Devices ADP2303 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
Data Sheet
AD5737
Rev. B | Page 37 of 44
AICC SUPPLY REQUIREMENTS—SLEWING
The AICC current requirement while slewing is greater than in
static operation because the output power increases to charge
the output capacitance of the dc-to-dc converter. This transient
current can be quite large (see Figure 57), although the methods
described in the Reducing AICC Current Requirements section
can reduce the requirements on the AVCC supply.
If not enough AICC current can be provided, the AVCC voltage
drops. Due to this AVCC drop, the AICC current required for
slewing increases further, causing the voltage at AVCC to drop
further (see Equation 3). In this case, the VBOOST_x voltage and,
therefore, the output voltage, may never reach their intended
values. Because the AVCC voltage is common to all channels,
this voltage drop may also affect other channels.
0
5
10
15
20
25
30
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
0.5
1.0
1.5
2.0
2.5
TIME (ms)
AICC
IOUT
VBOOST
0mA TO 24mA RANGE
1kΩ LOAD
fSW = 410kHz
INDUCTOR = 10µH (XAL4040-103)
TA = 25°C
Figure 57. AICC Current vs. Time for 24 mA Step Through 1 kΩ Load
with Internal Compensation Resistor
Reducing AICC Current Requirements
Two main methods can be used to reduce the AICC current
requirements. One method is to add an external compensation
resistor, and the other is to use slew rate control. These methods
can be used together.
Adding an External Compensation Resistor
A compensation resistor can be placed at the COMPDCDC_x pin
in series with the 10 nF compensation capacitor. A 51 kΩ exter-
nal compensation resistor is recommended. This compensation
increases the slew time of the current output but reduces the AICC
transient current requirements. Figure 58 shows a plot of AICC
current for a 24 mA step through a 1 kΩ load when using a 51 kΩ
compensation resistor. The compensation resistor reduces the
current requirements through smaller loads even further, as
shown in Figure 59.
0
4
12
8
16
24
20
28
32
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0mA TO 24mA RANGE
1kΩ LOAD
fSW = 410kHz
INDUCTOR = 10µH (XAL4040-103)
TA = 25°C
0
0.5
1.0
1.5
2.0
2.5
TIME (ms)
AICC
IOUT
VBOOST
Figure 58. AICC Current vs. Time for 24 mA Step Through 1 kΩ Load
with External 51 kΩ Compensation Resistor
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0mA TO 24mA RANGE
500Ω LOAD
fSW = 410kHz
INDUCTOR = 10µH (XAL4040-103)
TA = 25°C
0
4
12
8
16
24
20
28
32
0
0.5
1.0
1.5
2.0
2.5
TIME (ms)
AICC
IOUT
VBOOST
Figure 59. AICC Current vs. Time for 24 mA Step Through 500 Ω Load
with External 51 kΩ Compensation Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com