Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD586 Datasheet(PDF) 13 Page - Analog Devices

Part # AD586
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD586 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD586 Datasheet HTML 9Page - Analog Devices AD586 Datasheet HTML 10Page - Analog Devices AD586 Datasheet HTML 11Page - Analog Devices AD586 Datasheet HTML 12Page - Analog Devices AD586 Datasheet HTML 13Page - Analog Devices AD586 Datasheet HTML 14Page - Analog Devices AD586 Datasheet HTML 15Page - Analog Devices AD586 Datasheet HTML 16Page - Analog Devices AD586 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
Data Sheet
AD5735
Rev. B | Page 13 of 48
Pin No.
Mnemonic
Description
15
ALERT
Active High Output. This pin is asserted when there is no SPI activity on the interface pins for a preset time.
For more information, see the Alert Output section.
16
FAULT
Active Low, Open-Drain Output. This pin is asserted low when any of the following conditions is detected:
open circuit in current mode; short circuit in voltage mode; PEC error; or an overtemperature condition (see
the Fault Output section).
17
POC
Power-On Condition. This pin determines the power-on condition and is read during power-on and after a
device reset. If POC = 0, the device is powered up with the voltage and current channels in tristate mode. If
POC = 1, the device is powered up with a 30 kΩ pull-down resistor to ground on the voltage output channel,
and the current channel is in tristate mode.
18
RESET
Hardware Reset, Active Low Input.
19
AVDD
Positive Analog Supply Pin. The voltage range is from 9 V to 33 V.
20
COMPLV_A
Optional Compensation Capacitor Connection for VOUT_A Output Buffer. Connecting a 220 pF capacitor
between this pin and the VOUT_A pin allows the voltage output to drive up to 2 µF. Note that the addition
of this capacitor reduces the bandwidth of the output amplifier, increasing the settling time.
21
−VSENSE_A
Sense Connection for the Negative Voltage Output Load Connection for VOUT_A. This pin must stay within
±3.0 V of AGND for specified operation.
22
+VSENSE_A
Sense Connection for the Positive Voltage Output Load Connection for VOUT_A. The difference in voltage
between this pin and the VOUT_A pin is added directly to the headroom requirement.
23
COMPDCDC_A
DC-to-DC Compensation Capacitor. Connect a 10 nF capacitor from this pin to ground. Used to regulate the
feedback loop of the Channel A dc-to-dc converter. Alternatively, if using an external compensation resistor,
place a resistor in series with a capacitor to ground from this pin. For more information, see the DC-to-DC
Converter Compensation Capacitors section and the AICC Supply Requirements—Slewing section.
24
VBOOST_A
Supply for Channel A Current Output Stage (see Figure 71). This pin is also the supply for the VOUT_A stage,
which is regulated to 15 V by the dc-to-dc converter. To use the dc-to-dc converter, connect this pin as
shown in Figure 77.
25
VOUT_A
Buffered Analog Output Voltage for DAC Channel A.
26
IOUT_A
Current Output Pin for DAC Channel A.
27
AVSS
Negative Analog Supply Pin. The voltage range is from −10.8 V to −26.4 V.
28
COMPLV_B
Optional Compensation Capacitor Connection for VOUT_B Output Buffer. Connecting a 220 pF capacitor
between this pin and the VOUT_B pin allows the voltage output to drive up to 2 µF. Note that the addition
of this capacitor reduces the bandwidth of the output amplifier, increasing the settling time.
29
−VSENSE_B
Sense Connection for the Negative Voltage Output Load Connection for VOUT_B. This pin must stay within
±3.0 V of AGND for specified operation.
30
+VSENSE_B
Sense Connection for the Positive Voltage Output Load Connection for VOUT_B. The difference in voltage
between this pin and the VOUT_B pin is added directly to the headroom requirement.
31
VOUT_B
Buffered Analog Output Voltage for DAC Channel B.
32
COMPDCDC_B
DC-to-DC Compensation Capacitor. Connect a 10 nF capacitor from this pin to ground. Used to regulate the
feedback loop of the Channel B dc-to-dc converter. Alternatively, if using an external compensation resistor,
place a resistor in series with a capacitor to ground from this pin. For more information, see the DC-to-DC
Converter Compensation Capacitors section and the AICC Supply Requirements—Slewing section.
33
IOUT_B
Current Output Pin for DAC Channel B.
34
VBOOST_B
Supply for Channel B Current Output Stage (see Figure 71). This pin is also the supply for the VOUT_B stage,
which is regulated to 15 V by the dc-to-dc converter. To use the dc-to-dc converter, connect this pin as
shown in Figure 77.
35
AGND
Ground Reference Point for Analog Circuitry. This pin must be connected to 0 V.
36
SWB
Switching Output for Channel B DC-to-DC Circuitry. To use the dc-to-dc converter, connect this pin as
shown in Figure 77.
37
GNDSWB
Ground Connection for DC-to-DC Switching Circuit. This pin should always be connected to ground.
38
GNDSWA
Ground Connection for DC-to-DC Switching Circuit. This pin should always be connected to ground.
39
SWA
Switching Output for Channel A DC-to-DC Circuitry. To use the dc-to-dc converter, connect this pin as
shown in Figure 77.
40
AVSS
Negative Analog Supply Pin. The voltage range is from −10.8 V to −26.4 V.
41
SWD
Switching Output for Channel D DC-to-DC Circuitry. To use the dc-to-dc converter, connect this pin as
shown in Figure 77.
42
GNDSWD
Ground Connection for DC-to-DC Switching Circuit. This pin should always be connected to ground.
43
GNDSWC
Ground Connection for DC-to-DC Switching Circuit. This pin should always be connected to ground.
44
SWC
Switching Output for Channel C DC-to-DC Circuitry. To use the dc-to-dc converter, connect this pin as
shown in Figure 77.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com