Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8021 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8021
Description  1 nV/?숰z, Low Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8021 Datasheet HTML 11Page - Analog Devices AD8021 Datasheet HTML 12Page - Analog Devices AD8021 Datasheet HTML 13Page - Analog Devices AD8021 Datasheet HTML 14Page - Analog Devices AD8021 Datasheet HTML 15Page - Analog Devices AD8021 Datasheet HTML 16Page - Analog Devices AD8021 Datasheet HTML 17Page - Analog Devices AD8021 Datasheet HTML 18Page - Analog Devices AD8021 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Data Sheet
ADA4896-2/ADA4897-1/ADA4897-2
Rev.
| Page 15 of 28
VS = +5V
G = +2
VOUT = 2V STEP
RL = 1kΩ
TIME = 10ns/DIV
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
Figure 33. Settling Time to 0.1%
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
1M
10M
FREQUENCY (Hz)
100M
100k
10k
1k
VS = +5V
ΔVCM = 2V p-p
Figure 34. CMRR vs. Frequency
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1M
10M
FREQUENCY (Hz)
100M
100k
10k
1k
VS = +5V
ΔVS = 2V p-p
G = +1
–PSRR
+PSRR
Figure 35. PSRR vs. Frequency
0.01
0.1
1
10
100
1000
10000
100000
0.1
1
10
100
500
FREQUENCY (MHz)
VS = +5V
G = +1
PIN = –30dBm
PART DISABLED
PART ENABLED
Figure 36. Output Impedance vs. Frequency
–33.5
–31.0
–28.5
–26.0
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
VS = ±5V
VS = +3V
VS = +5V
Figure 37. Input Offset Voltage vs. Temperature for Various Supplies
–11.50
–11.25
–11.00
–10.75
–10.50
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
VS = ±5V
VS = +5V
VS = +3V
Figure 38. Input Bias Current vs. Temperature for Various Supplies
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com