Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4096-2ARMZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4096-2ARMZ-R7
Description  30 V, Micropower, Overvoltage Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4096-2ARMZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4096-2ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4096-2ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4096-2ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADA4096-2ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADA4096-2ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADA4096-2ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADA4096-2ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADA4096-2ARMZ-R7 Datasheet HTML 18Page - Analog Devices ADA4096-2ARMZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
ADA4096-2
Rev. A | Page 15 of 20
THEORY OF OPERATION
INPUT STAGE
R6
VCC
+IN
–IN
VEE
OVP
OVP
OUT
R7
D10
Q20
Q19
D11
Q16
D7
Q15
D8
Q14
Q17
Q10
Q13
Q18
D9
×1
I3
R2
R1
R3
R4
C2
Q12
D6
R5
Q9
Q11
Q6
Q8
Q7
Q5
Q4
Q3
Q1
Q2
I2
I1
C1
D3
D1
D4
D2
Figure 45. Simplified Schematic
Figure 45 shows a simplified schematic of the ADA4096-2. The
input stage comprises two differential pairs (Q1 to Q4 and Q5
to Q8) operating in parallel. When the input common-mode
voltage approaches VCC − 1.5 V, Q1 to Q4 shut down as I1 reaches
its minimum voltage compliance. Conversely, when the input
common-mode voltage approaches VEE + 1.5 V, Q5 to Q8 shut
down as I2 reaches its minimum voltage compliance. This
topology allows for maximum input dynamic range because the
amplifier can function with its inputs at 200 mV outside the rail
(at room temperature).
As with any rail-to-rail input amplifier, VOS mismatch between
the two input pairs determines the CMRR of the amplifier. If
the input common-mode voltage range is kept within 1.5 V of
each rail, transitions between the input pairs are avoided, thus
improving the CMRR by approximately 10 dB (see Table 3 and
Table 4).
PHASE INVERSION
Some single-supply amplifiers exhibit phase inversion when
the input signal extends beyond the common-mode voltage
range of the amplifier. When the input devices become saturated,
the inverting and noninverting inputs exchange functions,
causing the output to move in the opposing direction.
Although phase inversion persists for only as long as the inputs are
saturated, it can be detrimental to applications where the amplifier
is part of a closed-loop system. The ADA4096-2 is free from phase
inversion over the entire common-mode voltage range, as well as
the overvoltage protected range stated in the Absolute Maximum
Ratings section, Table 5. Figure 46 shows the ADA4096-2 in a
unity-gain configuration with the input signal at ±40 V and the
amplifier supplies at ±10 V.
CH1 10.0V
CH2 10.0V
M2.00ms
A CH1
–3.6V
T
34.20%
1
T
Figure 46. No Phase Reversal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com