Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2687EBRIZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADM2687EBRIZ
Description  5 kV rms Signal and Power Isolated
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2687EBRIZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM2687EBRIZ Datasheet HTML 3Page - Analog Devices ADM2687EBRIZ Datasheet HTML 4Page - Analog Devices ADM2687EBRIZ Datasheet HTML 5Page - Analog Devices ADM2687EBRIZ Datasheet HTML 6Page - Analog Devices ADM2687EBRIZ Datasheet HTML 7Page - Analog Devices ADM2687EBRIZ Datasheet HTML 8Page - Analog Devices ADM2687EBRIZ Datasheet HTML 9Page - Analog Devices ADM2687EBRIZ Datasheet HTML 10Page - Analog Devices ADM2687EBRIZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADM2682E/ADM2687E
Rev. 0 | Page 7 of 24
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted. All voltages are relative to
their respective ground.
Table 9. Maximum Continuous Working Voltage1
Parameter
Max
Unit
Reference Standard
AC Voltage
Bipolar Waveform
424
V peak
All certifications,
50-year minimum
lifetime
Unipolar Waveform
Basic Insulation
600
V peak
Reinforced Insulation
537
V peak
Maximum approved
working voltage per
IEC 60950-1
DC Voltage
Basic Insulation
600
V peak
Reinforced Insulation
537
V peak
Maximum approved
working voltage per
IEC 60950-1
Table 8.
Parameter
Rating
VCC
−0.5 V to +7 V
Digital Input Voltage (DE, RE, TxD)
−0.5 V to VDD + 0.5 V
Digital Output Voltage (RxD)
−0.5 V to VDD + 0.5 V
Driver Output/Receiver Input Voltage
−9 V to +14 V
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−55°C to +150°C
ESD (Human Body Model) on
A, B, Y, and Z pins
±15 kV
ESD (Human Body Model) on Other Pins
±2 kV
Thermal Resistance θJA
52°C/W
Lead Temperature
Soldering (10 sec)
260°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
1 Refers to continuous voltage magnitude imposed across the isolation
barrier. See the Insulation Lifetime section for more details.
ESD CAUTION
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com