Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD586 Datasheet(PDF) 20 Page - Analog Devices

Part # AD586
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD586 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD586 Datasheet HTML 16Page - Analog Devices AD586 Datasheet HTML 17Page - Analog Devices AD586 Datasheet HTML 18Page - Analog Devices AD586 Datasheet HTML 19Page - Analog Devices AD586 Datasheet HTML 20Page - Analog Devices AD586 Datasheet HTML 21Page - Analog Devices AD586 Datasheet HTML 22Page - Analog Devices AD586 Datasheet HTML 23Page - Analog Devices AD586 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
AD5737
Data Sheet
Rev. B | Page 20 of 44
TERMINOLOGY
Relative Accuracy or Integral Nonlinearity (INL)
Relative accuracy, or integral nonlinearity (INL), is a measure
of the maximum deviation from the best fit line through the
DAC transfer function. INL is expressed in percent of full-scale
range (% FSR). A typical INL vs. code plot is shown in Figure 8.
Differential Nonlinearity (DNL)
Differential nonlinearity (DNL) is the difference between the
measured change and the ideal 1 LSB change between any two
adjacent codes. A specified DNL of ±1 LSB maximum ensures
monotonicity. The AD5737 is guaranteed monotonic by design.
A typical DNL vs. code plot is shown in Figure 9.
Monotonicity
A DAC is monotonic if the output either increases or remains
constant for increasing digital input code. The AD5737 is
monotonic over its full operating temperature range.
Offset Error
Offset error is the deviation of the analog output from the ideal
zero-scale output when all DAC registers are loaded with 0x0000.
It is expressed in % FSR.
Offset Error Drift or Offset TC
Offset error drift, or offset TC, is a measure of the change in
offset error with changes in temperature and is expressed in
ppm FSR/°C.
Gain Error
Gain error is a measure of the span error of the DAC. It is the
deviation in slope of the DAC transfer function from the ideal,
expressed in % FSR.
Gain Temperature Coefficient (TC)
Gain TC is a measure of the change in gain error with changes
in temperature and is expressed in ppm FSR/°C.
Full-Scale Error
Full-scale error is a measure of the output error when full-scale
code is loaded to the DAC register. Ideally, the output should be
full-scale − 1 LSB. Full-scale error is expressed in % FSR.
Full-Scale Temperature Coefficient (TC)
Full-scale TC is a measure of the change in full-scale error with
changes in temperature and is expressed in ppm FSR/°C.
Total Unadjusted Error (TUE)
Total unadjusted error (TUE) is a measure of the output error
that includes all the error measurements: INL error, offset error,
gain error, temperature, and time. TUE is expressed in % FSR.
DC Crosstalk
DC crosstalk is the dc change in the output level of one DAC in
response to a change in the output of another DAC. It is measured
with a full-scale output change on one DAC while monitoring
another DAC, which is at midscale.
Current Loop Compliance Voltage
The current loop compliance voltage is the maximum voltage
at the IOUT_x pin for which the output current is equal to the
programmed value.
Voltage Reference Thermal Hysteresis
Voltage reference thermal hysteresis is the difference in output
voltage measured at +25°C compared to the output voltage
measured at +25°C after cycling the temperature from +25°C to
−40°C to +105°C and back to +25°C. The hysteresis is specified
for the first and second temperature cycles and is expressed in ppm.
Power-On Glitch Energy
Power-on glitch energy is the impulse injected into the analog
output when the AD5737 is powered on. It is specified as the
area of the glitch in nV-sec (see Figure 23).
Power Supply Rejection Ratio (PSRR)
PSRR indicates how the output of the DAC is affected by changes
in the power supply voltage.
Reference Temperature Coefficient (TC)
Reference TC is a measure of the change in the reference output
voltage with changes in temperature. It is expressed in ppm/°C.
Line Regulation
Line regulation is the change in the reference output voltage due
to a specified change in supply voltage. It is expressed in ppm/V.
Load Regulation
Load regulation is the change in the reference output voltage due
to a specified change in load current. It is expressed in ppm/mA.
DC-to-DC Converter Headroom
DC-to-DC converter headroom is the difference between the
voltage required at the current output and the voltage supplied
by the dc-to-dc converter (see Figure 30).
Output Efficiency
Output efficiency is defined as the ratio of the power delivered
to a channel’s load and the power delivered to the channel’s
dc-to-dc input. The VBOOST_x quiescent current is considered
part of the dc-to-dc converter’s losses.
CC
CC
LOAD
OUT
AI
AV
R
I
×
×
2
Efficiency at VBOOST_x
The efficiency at VBOOST_x is defined as the ratio of the power
delivered to a channel’s VBOOST_x supply and the power delivered
to the channel’s dc-to-dc input. The VBOOST_x quiescent current is
considered part of the dc-to-dc converter’s losses.
CC
CC
x
BOOST
OUT
AI
AV
V
I
×
×
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com