Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4610-2BRZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4610-2BRZ-R7
Description  Low Noise, Precision, Rail-to-Rail Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4610-2BRZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4610-2BRZ-R7 Datasheet HTML 4Page - Analog Devices ADA4610-2BRZ-R7 Datasheet HTML 5Page - Analog Devices ADA4610-2BRZ-R7 Datasheet HTML 6Page - Analog Devices ADA4610-2BRZ-R7 Datasheet HTML 7Page - Analog Devices ADA4610-2BRZ-R7 Datasheet HTML 8Page - Analog Devices ADA4610-2BRZ-R7 Datasheet HTML 9Page - Analog Devices ADA4610-2BRZ-R7 Datasheet HTML 10Page - Analog Devices ADA4610-2BRZ-R7 Datasheet HTML 11Page - Analog Devices ADA4610-2BRZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADA4610-2
Data Sheet
Rev. A | Page 8 of 20
1M
1
–5
–4
–3
–2
–1
0
1
2
3
4
5
VCMI (V)
10
100
1k
10k
100k
ADA4610-2
SOIC
VSY = ±15V
RL =
∞
TA = +25°C
Figure 9. Input Bias Current vs. Common Mode Voltage
100M
10
1
100
1k
10k
100k
1M
10M
0.1
–5
6
VCMI (V)
ADA4610-2
SOIC
VSY = ±5V
RL =
∞
+125°C
+85°C
+25°C
–4
–3
–2
–1
0
1
2
3
4
5
–40°C
Figure 10. Input Bias Current vs. Common Mode Voltage and Temperature
100
10
1
0.1
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
ADA4610-2
VSY = ±5V
Figure 11. Input Bias Current vs. Temperature
1
0.1
0.01
0.1
1
10
100
IOUT SOURCE (mA)
ADA4610-2
VSY = ±5V
TA = 25°C
Figure 12. Dropout Voltage vs. Source Current
0.1
1
10
100
IOUT SINK (mA)
ADA4610-2
VSY = ±5V
TA = 25°C
10
1
0.1
0.01
Figure 13. Dropout Voltage vs. Sink Current
100
80
90
10
20
30
40
50
60
70
0
–15
–10
10
–5
5
0
15
COMMON-MODE VOLTAGE (V)
ADA4610-2
SOIC
VSY = ±15V
RL =
∞
TA = +25°C
Figure 14. Input Bias Current vs. Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com