Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6657ABBCZ Datasheet(PDF) 34 Page - Analog Devices

Part # AD6657ABBCZ
Description  Quad IF Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6657ABBCZ Datasheet(HTML) 34 Page - Analog Devices

Back Button AD6657ABBCZ Datasheet HTML 28Page - Analog Devices AD6657ABBCZ Datasheet HTML 29Page - Analog Devices AD6657ABBCZ Datasheet HTML 30Page - Analog Devices AD6657ABBCZ Datasheet HTML 31Page - Analog Devices AD6657ABBCZ Datasheet HTML 32Page - Analog Devices AD6657ABBCZ Datasheet HTML 33Page - Analog Devices AD6657ABBCZ Datasheet HTML 34Page - Analog Devices AD6657ABBCZ Datasheet HTML 35Page - Analog Devices AD6657ABBCZ Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
AD6657A
Data Sheet
Rev. 0 | Page 34 of 36
NSR Tuning Word (Register 0x3E)
Bits[7:6]—Reserved
Bits[5:0]—NSR Tuning Word
The NSR tuning word sets the band edges of the NSR band. In
22% BW mode, there are 57 possible tuning words; in 33% BW
mode, there are 34 possible tuning words; in 36% BW mode,
there are 28 possible tuning words. For either mode, each step
represents 0.5% of the ADC sample rate. For the equations used
to calculate the tuning word based on the BW mode of
operation, see the Noise Shaping Requantizer section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com