Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7609 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7609
Description  8-Channel Differential DAS with 18-Bit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7609 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7609 Datasheet HTML 17Page - Analog Devices AD7609 Datasheet HTML 18Page - Analog Devices AD7609 Datasheet HTML 19Page - Analog Devices AD7609 Datasheet HTML 20Page - Analog Devices AD7609 Datasheet HTML 21Page - Analog Devices AD7609 Datasheet HTML 22Page - Analog Devices AD7609 Datasheet HTML 23Page - Analog Devices AD7609 Datasheet HTML 24Page - Analog Devices AD7609 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Data Sheet
AD7609
Rev. A | Page 21 of 36
THEORY OF OPERATION
CONVERTER DETAILS
The AD7609 is a data acquisition system that employs a high
speed, low power, charge redistribution successive approxima-
tion analog-to-digital converter (ADC) and allows the
simultaneous sampling of eight true differential analog input
channels. The analog inputs on the AD7609 can accept true
bipolar input signals. The RANGE pin is used to select either
±10 V or ±5 V as the input range. The AD7609 operates from
a single 5 V supply.
The AD7609 contains input clamp protection, input signal
scaling amplifiers, a second-order antialiasing filter, track-and-
hold amplifiers, an on-chip reference, reference buffers, a high
speed ADC, a digital filter, and high speed parallel and serial
interfaces. Sampling on the AD7609 is controlled using
CONVST x signals.
ANALOG INPUT
Analog Input Ranges
The AD7609 can handle true bipolar input voltages. The logic
level on the RANGE pin determines the analog input range of
all analog input channels. If this pin is tied to a logic high, the
analog input range is ±10 V for all channels. If this pin is tied
to a logic low, the analog input range is ±5 V for all channels.
A logic change on this pin has an immediate effect on the
analog input range; however, there is a settling time of 80 µs
typically, in addition to the normal acquisition time requirement.
The recommended practice is to hardwire the RANGE pin
according to the desired input range for the system signals.
During normal operation, the applied analog input voltage should
remain within the analog input range selected via the RANGE
pin. A RESET pulse must be applied to the part to ensure the
analog input channels are configured for the range selected.
When in a power-down mode, it is recommended to tie the
analog inputs together or both analog input pins (Vx+, Vx−) to
GND. As per the Analog Input Clamp Protection section, the
overvoltage clamp protection is recommended for use in
transient overvoltage conditions, and should not remain active
for extended periods. Stressing the analog inputs outside of
these conditions may degrade the Bipolar Zero Code error and
THD performance of the AD7609.
Analog Input Impedance
The analog input impedance of the AD7609 is 1 MΩ. This is a
fixed input impedance and does not vary with the AD7609 sam-
pling frequency. This high analog input impedance eliminates
the need for a driver amplifier in front of the AD7609 allowing
for direct connection to the source or sensor. With the need for
a driver amplifier eliminated, bipolar supplies can be removed
from the signal chain, which are often a source of noise in a system.
Analog Input Clamp Protection
Figure 32 shows the analog input structure of the AD7609.
Each AD7609 analog input contains clamp protection circuitry.
Despite a single 5 V supply operation, this analog input clamp
protection allows for an input overvoltage up to ±16.5 V.
1MΩ
CLAMP
Vx+
1MΩ
CLAMP
Vx–
SECOND-
ORDER
LPF
RFB
RFB
Figure 32. Analog Input Circuitry
Figure 33 shows the current vs. voltage characteristic of the
clamp circuit. For input voltages up to ±16.5 V, no current flows
in the clamp circuit. For input voltages above ±16.5 V, the
AD7609 clamp circuitry turns on and clamps the analog input
to ±16.5 V. A series resister should be placed on the analog
input channels to limit the current to ±10 mA for input voltages
above ±16.5 V. In an application where there is a series resistance
on an analog input channel, VINx+, a corresponding resistance
is required on the VINx− channel (see Figure 34). If there is no
corresponding resister on the Vx− channel, this results in an
offset error on that channel. It is recommended that the input
overvoltage clamp protection circuitry be used to protect the
AD7609 against transient overvoltage events. It is not recom-
mended to leave the AD7609 in a condition where the clamp
protection circuitry is active (in normal or power-down
conditions) for extended periods because this may degrade the
bipolar zero code error performance of the AD7609.
30
–50
–40
–30
–20
–10
0
10
20
–20
–15
–10
–5
0
5
10
15
20
SOURCE VOLTAGE (V)
AVCC, VDRIVE = 5V
TA = 25°C
Figure 33. Input Protection Clamp Profile
1MΩ
CLAMP
VINx+
1MΩ
CLAMP
VINx–
RFB
RFB
C
R
R
+10V
–10V
AD7609
+10V
–10V
Figure 34. Input Resistance Matching on the Analog Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com