Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8553 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8553
Description  Wide Supply Range, Micropower,
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8553 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8553 Datasheet HTML 18Page - Analog Devices AD8553 Datasheet HTML 19Page - Analog Devices AD8553 Datasheet HTML 20Page - Analog Devices AD8553 Datasheet HTML 21Page - Analog Devices AD8553 Datasheet HTML 22Page - Analog Devices AD8553 Datasheet HTML 23Page - Analog Devices AD8553 Datasheet HTML 24Page - Analog Devices AD8553 Datasheet HTML 25Page - Analog Devices AD8553 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD8420
Data Sheet
Rev. 0 | Page 22 of 28
CAPACITIVELY COUPLED
+VS
C
R
R
C
–VS
AD8420
1
fHIGH-PASS = 2πRC
THERMOCOUPLE
+VS
–VS
10MΩ
AD8420
TRANSFORMER
+VS
–VS
AD8420
CORRECT
VOUT
VOUT
THERMOCOUPLE
+VS
–VS
AD8420
CAPACITIVELY COUPLED
+VS
C
C
–VS
AD8420
TRANSFORMER
+VS
–VS
AD8420
INCORRECT
VOUT
VOUT
VOUT
VOUT
Figure 65. Creating an IBIAS Path
INPUT BIAS CURRENT RETURN PATH
The input bias current of the AD8420 must have a return path
to ground. When the source, such as a thermocouple, cannot
provide a return current path, create one, as shown in Figure 65.
RADIO FREQUENCY INTERFERENCE (RFI)
All instrumentation amplifiers can rectify high frequency out-of-
band signals. Once rectified, these signals appear as dc offset errors
at the output. High frequency signals can be filtered with a low-pass
RC network placed at the input of the instrumentation amplifier, as
shown in Figure 66. The filter limits the input signal bandwidth
according to the following relationship:
)
2
(
π
2
1
C
D
DIFF
C
C
R
uency
FilterFreq
+
=
C
CM
RC
uency
FilterFreq
π
2
1
=
where CD ≥ 10 C
VOUT
R1
R2
+IN
+VS
–VS
CC
330pF
5%
CC
330pF
5%
10µF
10µF
CD
3300pF
0.1µF
0.1µF
R
20kΩ
1%
R
20kΩ
1%
AD8420
–IN
Figure 66. Suggested RFI Suppression Filter
CD affects the differential signal and CC affects the common-mode
signal. Values of R and CC are chosen to minimize out of band
RFI at the expense of reduced signal bandwidth. Mismatch
between the R × CC at the positive input and the R × CC at the
negative input degrades the CMRR of the AD8420. By using a
value of CD that is at least one magnitude larger than CC, the
effect of the mismatch is reduced and performance is improved.
C
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com