Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8141ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8141ACPZ-R7
Description  Low Cost, Triple Differential Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8141ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8141ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8141/AD8142
Rev. 0 | Page 18 of 24
APPLICATIONS INFORMATION
DRIVING RGB VIDEO OVER CAT-5 CABLE
The AD8141 and AD8142 are devices whose foremost application
is driving RGB and component video signals over unshielded
twisted pair (UTP) cable in video distribution networks. Single-
ended video signals are easily converted to differential signals
for transmission over the cable, and the internally fixed gain of 2
automatically compensates for the losses incurred by the source
and load terminations. Figure 42 shows the AD8141/AD8142 in
a triple, single-ended-to-differential application when driven from
a 75 Ω video source.
AD8141/AD8142
+
R
1kΩ
1kΩ
2kΩ
2kΩ
49.9Ω
49.9Ω
75Ω
38.3Ω
80.6Ω
RED
VIDEO
SOURCE
RED UTP
+
G
1kΩ
1kΩ
2kΩ
2kΩ
49.9Ω
49.9Ω
75Ω
38.3Ω
80.6Ω
GREEN
VIDEO
SOURCE
GREEN UTP
+
B
1kΩ
1kΩ
2kΩ
2kΩ
49.9Ω
49.9Ω
75Ω
38.3Ω
80.6Ω
BLUE
VIDEO
SOURCE
BLUE UTP
DISABLE
DIS
VS–
VS–
+5V
0.1µF ON ALL VS+
PINS
Figure 42. AD8141/AD8142 in Single-Ended-to-Differential Application on Single 5 V Supply (Sync Pulse Encoding Not Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com