Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8142ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8142ACPZ-R7
Description  Low Cost, Triple Differential Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8142ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8142ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8142ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8142ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8142ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8142ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8142ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8142ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8142ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8142ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD8141/AD8142
Rev. 0 | Page 20 of 24
AD8142 SIGNAL LEVELS ON VARIOUS SUPPLIES
Figure 44 and Figure 45 illustrate the key video signal levels
seen in typical applications operating on a single +5 V supply
and ±2.5 V supplies; common-mode sync pulses are omitted
from the circuit drawing for clarity but are shown in a separate
waveform drawing of the signals directly at the AD8142 outputs,
shown just below the associated circuit drawing. The sync pulses
are common-mode, that is, they move in the same direction on
each output polarity. In Figure 44 and Figure 45, this means that the
HSYNC pulses are either both green or both blue for the red and
black video signals.
DISABLE FEATURE
When asserted, the disable feature minimizes quiescent current
consumption and provides a high-Z output. It offers a convenient
means to connect two driver outputs together in parallel to form a
tristate multiplexed application. The disable feature can also be
used to minimize quiescent current drawn when a particular
device is not being used.
The disable pin is a binary input that controls the state of the
AD8141/AD8142 outputs. Its binary input levels are compatible
with most TTL and CMOS families (see Table 1 for the logic levels).
The AD8141/AD8142output is disabled when the disable input
is driven to its high state, and the AD8141/AD8142operates in
its normal fashion when the disable input is driven to its low state.
An unavoidable common-mode glitch occurs at the outputs
when switching between disabled and enabled states and vice
versa. The glitch lasts for a few tens of nanoseconds and is
on the order of 2 V or 3 V. If the disable feature is used, it is
recommended that common-mode protection be used on the
receiver (see the AD8143 data sheet for a detailed description of
common-mode protection)
AD8142
+
49.9Ω
1kΩ
38.3Ω
80.6Ω
0.76V
0.52V
1kΩ
2kΩ
+5V
2kΩ
100Ω
100Ω
UTP
49.9Ω
0.7V
1.5V
2.2V
1.5V
1.5V
0.8V
0.7V
0V
75Ω
VIDEO
SOURCE
1.4V
1.5V
0.8V
2.2V
0.5V
AD8142 KEY SIGNAL LEVELS ON SINGLE +5V SUPPLY
AD8142 OUTPUT SIGNAL LEVELS INCLUDING COMMON-MODE HSYNC PULSES
Figure 44. AD8142 Key Signal Levels on Single 5 V Supply; Upper Drawing Shows Schematic, and Lower Drawing Shows Output Signals with HSYNC Pulses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com