Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8426BCPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # AD8426BCPZ-R7
Description  Wide Supply Range, Rail-to-Rail
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8426BCPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD8426BCPZ-R7 Datasheet HTML 20Page - Analog Devices AD8426BCPZ-R7 Datasheet HTML 21Page - Analog Devices AD8426BCPZ-R7 Datasheet HTML 22Page - Analog Devices AD8426BCPZ-R7 Datasheet HTML 23Page - Analog Devices AD8426BCPZ-R7 Datasheet HTML 24Page - Analog Devices AD8426BCPZ-R7 Datasheet HTML 25Page - Analog Devices AD8426BCPZ-R7 Datasheet HTML 26Page - Analog Devices AD8426BCPZ-R7 Datasheet HTML 27Page - Analog Devices AD8426BCPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
AD8426
Rev. 0 | Page 27 of 28
DRIVING AN ADC
Option 2 shows a circuit for driving higher frequency signals.
It uses a precision op amp (AD8616) with relatively high band-
width and output drive. This amplifier can drive a resistor and
capacitor with a much higher time constant and is, therefore,
suited for higher frequency applications.
Figure 72 shows several different methods of driving an ADC.
The ADC in the ADuC7026 microcontroller was chosen for
this example because it has an unbuffered, charge sampling
architecture that is typical of most modern ADCs. This type of
architecture typically requires an RC buffer stage between the
ADC and the amplifier to work correctly.
Option 3 is useful for applications where the AD8426 must
operate from a large voltage supply but drives a single-supply
ADC. In normal operation, the AD8426 output signal stays
within the ADC range, and the AD8616 simply buffers the signal.
However, in a fault condition, the output of the AD8426 may
go outside the supply range of both the AD8616 and the ADC.
This is not a problem in this circuit, because the 10 kΩ resistor
between the two amplifiers limits the current into the AD8616
to a safe level.
Option 1 shows the minimum configuration required to drive
a charge sampling ADC. The capacitor provides charge to the
ADC sampling capacitor, and the resistor shields the AD8426
from the capacitance. To keep the AD8426 stable, the RC time
constant of the resistor and capacitor needs to stay above 5 μs.
This circuit is mainly useful for lower frequency signals.
AD8426
REF
100nF
100Ω
10kΩ
10Ω
10nF
ADC0
ADC1
ADC2
AGND
3.3V
3.3V
3.3V
OPTION 1: DRIVING LOW FREQUENCY SIGNALS
OPTION 2: DRIVING HIGH FREQUENCY SIGNALS
OPTION 3: PROTECTING ADC FROM LARGE VOLTAGES
3.3V
AD8426
AD8616
ADuC7026
REF
3.3V
10Ω
10nF
AD8426
AD8616
REF
+15V
–15V
AVDD
Figure 72. Driving an ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com