Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4432-1BCPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADA4432-1BCPZ-R7
Description  SD Video Filter Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4432-1BCPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADA4432-1BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data Sheet
ADA4432-1/ADA4433-1
Rev. A | Page 25 of 28
ORDERING GUIDE
Model1, 2
Temperature
Range
Package Description
Package
Option
Branding
Ordering
Quantity
ADA4432-1BRJZ-R2
−40°C to +125°C
6-Lead Small Outline Transistor Package [SOT-23]
RJ-6
322
250
ADA4432-1BRJZ-R7
−40°C to +125°C
6-Lead Small Outline Transistor Package [SOT-23]
RJ-6
322
3000
ADA4432-1WBRJZ-R7
−40°C to +125°C
6-Lead Small Outline Transistor Package [SOT-23]
RJ-6
323
3000
ADA4432-1BRJ-EBZ
SOT-23 Evaluation Board
ADA4432-1BCPZ-R2
−40°C to +125°C
8-Lead Lead Frame Chip Scale Package [LFCSP_WD]
CP-8-11
321
250
ADA4432-1BCPZ-R7
−40°C to +125°C
8-Lead Lead Frame Chip Scale Package [LFCSP_WD]
CP-8-11
321
1500
ADA4432-1WBCPZ-R7
−40°C to +125°C
8-Lead Lead Frame Chip Scale Package [LFCSP_WD]
CP-8-11
H33
1500
ADA4432-1BCP-EBZ
LFCSP_WD Evaluation Board
ADA4433-1BCPZ-R2
−40°C to +125°C
8-Lead Lead Frame Chip Scale Package [LFCSP_WD]
CP-8-11
331
250
ADA4433-1BCPZ-R7
−40°C to +125°C
8-Lead Lead Frame Chip Scale Package [LFCSP_WD]
CP-8-11
331
1500
ADA4433-1WBCPZ-R7
−40°C to +125°C
8-Lead Lead Frame Chip Scale Package [LFCSP_WD]
CP-8-11
H2Z
1500
ADA4433-1BCP-EBZ
Evaluation Board
1
Z = RoHS Compliant Part.
2
W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The ADA4432-1W and ADA4433-1W models are available with controlled manufacturing to support the quality and reliability
requirements of automotive applications. Note that these automotive models may have specifications that differ from the commercial
models; therefore, designers should review the Specifications section of this data sheet carefully. Only the automotive grade products
shown are available for use in automotive applications. Contact your local Analog Devices account representative for specific product
ordering information and to obtain the specific Automotive Reliability reports for these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com