Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7982 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7982
Description  Ultralow Power, Low Distortion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7982 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7982 Datasheet HTML 17Page - Analog Devices AD7982 Datasheet HTML 18Page - Analog Devices AD7982 Datasheet HTML 19Page - Analog Devices AD7982 Datasheet HTML 20Page - Analog Devices AD7982 Datasheet HTML 21Page - Analog Devices AD7982 Datasheet HTML 22Page - Analog Devices AD7982 Datasheet HTML 23Page - Analog Devices AD7982 Datasheet HTML 24Page - Analog Devices AD7982 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
ADA4940-1/ADA4940-2
Rev. B | Page 21 of 32
THEORY OF OPERATION
The ADA4940-1/ADA4940-2 are high speed, low power
differential amplifiers fabricated on Analog Devices advanced
dielectrically isolated SiGe bipolar process. They provide two
closely balanced differential outputs in response to either
differential or single-ended input signals. An external feedback
network that is similar to a voltage feedback operational
amplifier sets the differential gain. The output common-mode
voltage is independent of the input common-mode voltage and
is set by an external voltage at the VOCM terminal. The PNP
input stage allows input common-mode voltages between the
negative supply and 1.2 V below the positive supply. A rail-to-
rail output stage supplies a wide output voltage range.
The DISABLE pin can be used to reduce the supply current of
the amplifier to 13.5 µA.
Figure 62 shows the ADA4940-1/ADA4940-2 architecture.
The differential feedback loop consists of the differential trans-
conductance GDIFF working through the GO output buffers and
the RF/RG feedback networks. The common-mode feedback
loop is set up with a voltage divider across the two differential
outputs to create an output voltage midpoint and a common-
mode transconductance, GCM.
GO
CC
CC
RF
RG
GCM
GDIFF
GO
RG
VREF
–OUT
+OUT
RF
+DIN
–DIN
+IN
–IN
VOCM
Figure 62. ADA4940-1/ADA4940-2 Architectural Block
The differential feedback loop forces the voltages at +IN and −IN
to equal each other. This fact sets the following relationships:
F
OUT
G
IN
R
V
R
D
−
−
=
+
F
OUT
G
IN
R
V
R
D
+
−
=
−
Subtracting the previous equations gives the relationship that
shows RF and RG setting the differential gain.
(V+OUT − V−OUT) = (+DIN – (−DIN)) ×
G
F
R
R
The common-mode feedback loop drives the output common-
mode voltage that is sampled at the midpoint of the output
voltage divider to equal the voltage at VOCM. This results in the
following relationships:
V+OUT = VOCM +
2
dm
OUT,
V
V−OUT = VOCM −
2
dm
OUT,
V
Note that the differential amplifier’s summing junction input
voltages, +IN and −IN, are set by both the output voltages and
the input voltages.


+
+


+
+
=
−
+
G
F
G
OUT
G
F
F
IN
IN
R
R
R
V
R
R
R
D
V


+
+


+
−
=
+
−
G
F
G
OUT
G
F
F
IN
IN
R
R
R
V
R
R
R
D
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com