Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4940-2ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4940-2ACPZ-R7
Description  Ultralow Power, Low Distortion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4940-2ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4940-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4940-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4940-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4940-2ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4940-2ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4940-2ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4940-2ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4940-2ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4940-2ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
ADA4940-1/ADA4940-2
Rev. B | Page 11 of 32
4
3
–9
0.1
1
10
100
1000
FREQUENCY (MHz)
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
VOUT, dm = 0.1V p-p
LFCSP-1
LFCSP-2:CH1
LFCSP-2: CH2
SOIC-1
Figure 13. Small Signal Frequency Response for Various Packages
3
–9
0.1
1
10
100
1000
FREQUENCY (MHz)
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
VOUT, dm = 0.1V p-p
VOCM = 0V
VOCM = +1V
VOCM = –1V
Figure 14. Small Signal Frequency Response at Various VOCM Levels (LFCSP)
4
3
–9
0.1
1
10
100
1000
FREQUENCY (MHz)
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
VOUT, dm = 0.1V p-p
VOCM = –1V
VOCM = 0V
VOCM = +1V
Figure 15. Small Signal Frequency Response for Various VOCM (SOIC)
3
–9
1
10
100
1000
FREQUENCY (MHz)
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
VOUT = 2V p-p
LFCSP-1
LFCSP-2: CH1
LFCSP-2: CH2
SOIC-1
Figure 16. Large Signal Frequency Response for Various Packages
3
–9
0.1
1
10
100
1000
FREQUENCY (MHz)
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
VOCM = –1V
VOCM = 0V
VOCM = +1V
VOUT, dm = 2V p-p
Figure 17. Large Signal Frequency Response at Various VOCM Levels
4
3
–9
0.1
1
10
100
1000
FREQUENCY (MHz)
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
VOUT, dm = 0.1V p-p
LFCSP: RL = 1kΩ
LFCSP: RL = 200Ω
SOIC: RL = 1kΩ
SOIC: RL = 200Ω
Figure 18. Small Signal Frequency Response for Various Packages and Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com