Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5324 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5324
Description  400 MHz to 4000 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5324 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5324 Datasheet HTML 9Page - Analog Devices ADL5324 Datasheet HTML 10Page - Analog Devices ADL5324 Datasheet HTML 11Page - Analog Devices ADL5324 Datasheet HTML 12Page - Analog Devices ADL5324 Datasheet HTML 13Page - Analog Devices ADL5324 Datasheet HTML 14Page - Analog Devices ADL5324 Datasheet HTML 15Page - Analog Devices ADL5324 Datasheet HTML 16Page - Analog Devices ADL5324 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
ADL5324
Rev. 0 | Page 13 of 20
APPLICATIONS INFORMATION
BASIC LAYOUT CONNECTIONS
The basic connections for operating the ADL5324 are shown
in Figure 34. Table 6 lists the required matching components.
Capacitors C1, C2, and C3 are Murata GRM615 series (0402
size) High Q capacitors and C7 is a Murata GRM155 series
(0402 size). Inductor L1 is a Coilcraft 0603CS series (0603
size). For all frequency bands, the placement of C1 and C2 are
critical. The placement of C3 becomes critical for the following
bands: 1880 MHz to 1990 MHz, 2110 MHz to 2170 MHz,
2300 MHz to 2400 MHz, 2570 MHz to 2690 MHz. and 3500 MHz
to 3600 MHz. For operation from 420 MHz to 494 MHz, 728 MHz
to 768 MHz, and 869 MHz to 960 MHz, R2 is replaced with a
Coilcraft (0402 size) High Q inductor. Table 7 lists the recom-
mended component placement for various frequencies.
A 5 V dc bias is supplied through L1, which is connected to
RFOUT (Pin 3). In addition to C4, 10 nF and 10 μF power
supply decoupling capacitors are also required. The typical
current consumption for the ADL5324 is 140 mA.
1
2
(2)
3
ADL5324
C6 10µF
C5 10nF
C4 100pF
L1
15nH
VSUP
GND
RFIN
C7
20pF
C23
2.2pF
RFOUT
C13
2pF
C33
2.4pF
λ12
λ22
1SEE THE RECOMMENDED COMPONENTS FOR BASIC CONNECTIONS TABLE
FOR FREQUENCY-SPECIFIC COMPONENTS.
2SEE TABLE 6 FOR RECOMMENDED COMPONENT SPACING.
3C1, C2, AND C3 ARE MURATA HIGH Q CAPACITORS GRM615 SERIES.
R1
0Ω
R2
0Ω
Figure 34. Basic Connections
SOLDERING INFORMATION AND RECOMMENDED
PCB LAND PATTERN
Figure 35 shows the recommended land pattern for the ADL5324.
To minimize thermal impedance, the exposed paddle on the
SOT-89 package underside is soldered to a ground plane along
with Pin 2. If multiple ground layers exist, they should be
stitched together using vias. For more information on land
pattern design and layout, refer to the Application Note AN-772,
A Design and Manufacturing Guide for the Lead Frame Chip
Scale Package (LFCSP).
This land pattern, on the ADL5324 evaluation board, provides
a measured thermal resistance (θJA) of 37°C/W. To measure θJA,
the temperature at the top of the SOT-89 package is found with
an IR temperature gun. Thermal simulation suggests a junction
temperature 10°C higher than the top of package temperature.
With additional ambient temperature and I/O power measure-
ments, θJA could be determined.
0.86mm
5.56mm
0.20mm
1.80mm
1.27mm
0.62mm
3.48mm
1.50mm
3.00mm
Figure 35. Recommended Land Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com