Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5367 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5367
Description  2300 MHz to 2900 MHz Balanced Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5367 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5367 Datasheet HTML 12Page - Analog Devices ADL5367 Datasheet HTML 13Page - Analog Devices ADL5367 Datasheet HTML 14Page - Analog Devices ADL5367 Datasheet HTML 15Page - Analog Devices ADL5367 Datasheet HTML 16Page - Analog Devices ADL5367 Datasheet HTML 17Page - Analog Devices ADL5367 Datasheet HTML 18Page - Analog Devices ADL5367 Datasheet HTML 19Page - Analog Devices ADL5367 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADL5363
Rev. 0 | Page 16 of 24
SPURIOUS PERFORMANCE
(N × fRF) − (M × fLO) spur measurements were made using the standard evaluation board. Mixer spurious products are measured in dBc
from the IF output power level. Data was measured only for frequencies less than 6 GHz. Typical noise floor of the measurement system
= −100 dBm.
5 V Performance
VS = 5 V, IS = 100 mA, TA = 25°C, fRF = 2535 MHz, fLO = 2738 MHz, LO power = 0 dBm, RF power = 0 dBm, VGS0 = VGS1 = 0 V, and
ZO = 50 Ω, unless otherwise noted.
M
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
−10.9
−28.3
−44.5
1
−42.2
0.0
−49.3
−31.2
−49.8
2
−75.8
−76.5
−64.6
−78.4
−78.5
−94.7
3
<−100
−83.0
<−100
−73.5
−90.9
−89.8
<−100
4
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
5
<−100
<−100
<−100
<−100
<−100
<−100
<−100
6
<−100
<−100
<−100
<−100
<−100
<−100
<−100
7
<−100
<−100
<−100
<−100
<−100
<−100
<−100
8
<−100
<−100
<−100
<−100
<−100
<−100
<−100
9
<−100
<−100
<−100
<−100
<−100
<−100
<−100
10
<−100
<−100
<−100
<−100
<−100
<−100
<−100
11
<−100
<−100
<−100
<−100
<−100
<−100
<−100
12
<−100
<−100
<−100
<−100
<−100
<−100
13
<−100
<−100
<−100
<−100
14
<−100
<−100
<−100
N
15
<−100
<−100
3.3 V Performance
VS = 3.3 V, IS = 56 mA, TA = 25°C, fRF = 2535 MHz, fLO = 2738 MHz, LO power = 0 dBm, RF power = 0 dBm, R9 = 226 Ω, VGS0 = VGS1 =
0 V, and ZO = 50 Ω, unless otherwise noted.
M
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
−16.9
−35.1
−61.4
1
−41.9
0.0
−49.1
−30.4
−52.6
2
−72.3
−80.3
−62.7
−68.5
−71.9
<−100
3
−94.6
−71.6
<−100
−61.2
−92.7
−75.1
<−100
4
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
5
<−100
<−100
<−100
<−100
<−100
<−100
<−100
6
<−100
<−100
<−100
<−100
<−100
<−100
<−100
7
<−100
<−100
<−100
<−100
<−100
<−100
<−100
8
<−100
<−100
<−100
<−100
<−100
<−100
<−100
9
<−100
<−100
<−100
<−100
<−100
<−100
<−100
10
<−100
<−100
<−100
<−100
<−100
<−100
<−100
11
<−100
<−100
<−100
<−100
<−100
<−100
<−100
12
<−100
<−100
<−100
<−100
<−100
<−100
13
<−100
<−100
<−100
<−100
14
<−100
<−100
<−100
N
15
<−100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com