Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5358 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5358
Description  2300 MHz to 2900 MHz Balanced Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5358 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5358 Datasheet HTML 16Page - Analog Devices ADL5358 Datasheet HTML 17Page - Analog Devices ADL5358 Datasheet HTML 18Page - Analog Devices ADL5358 Datasheet HTML 19Page - Analog Devices ADL5358 Datasheet HTML 20Page - Analog Devices ADL5358 Datasheet HTML 21Page - Analog Devices ADL5358 Datasheet HTML 22Page - Analog Devices ADL5358 Datasheet HTML 23Page - Analog Devices ADL5358 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADL5363
Rev. 0 | Page 21 of 24
Table 7. Evaluation Board Configuration
Components
Function
Description
Default Conditions
C2, C6, C8,
C20, C21
Power supply
decoupling
Power Supply Decoupling. Nominal supply decoupling
consists of a 10 μF capacitor to ground in parallel with a
10 pF capacitor to ground positioned as close to the device
as possible.
C2 = 10 μF (size 0603),
C6, C8, C20, C21 = 10 pF (size 0402)
C1, C4, C5, Z1
RF input interface
RF Input Interface. The input channels are ac-coupled
through C1. C4 and C5 provide bypassing for the center taps
of the RF input baluns.
C1 = 1.5 pF (size 0402),
C4 = 10 pF (size 0402),
C5 = 0.01 μF (size 0402)
Z1= 12 nH (size 0402)
T1, R1, C24, C25
IF output interface
IF Output Interface. T1 is a 1:1 impedance transformer used
to provide a single-ended IF output interface. Remove R1
for balanced output operation. C24 and C25 are used to
block the dc bias at the IF ports.
T1 = TC1-1-13M+ (Mini-Circuits),
R1 = 0 Ω (size 0402),
C24, C25 = 560 pF (size 0402)
C10, C12, R4
LO interface
LO Interface. C10 and C12 provide ac coupling for the
LO1_IN and LO2_IN local oscillator inputs. LOSEL selects
the appropriate LO input for both mixer cores. R4 provides
a pull-down to ensure that LO1_IN is enabled when the
LOSEL test point is logic low. LO2_IN is enabled when
LOSEL is pulled to logic high.
C10, C12 = 22 pF (size 0402),
R4 = 10 kΩ (size 0402)
R21
PWDN interface
PWDN Interface. R21 pulls the PWDN logic low and enables
the device. The PWR_UP test point allows the PWDN
interface to be exercised using the an external logic
generator. Grounding the PWDN pin for nominal operation
is allowed. Using the PWDN pin when supply voltages
exceed 3.3 V is not allowed.
R21 = 10 kΩ (size 0402)
C22, L3, R9, R14,
R22, R23, VGS0,
VGS1
Bias control
Bias Control. R22 and R23 form a voltage divider to provide
3 V for logic control, bypassed to ground through C22.
VGS0 and VGS1 jumpers provide programmability at the
VGS0 and VGS1 pins. It is recommended to pull these two
pins to ground for nominal operation. R9 sets the bias
point for the internal LO buffers.
C22 = 1 nF (size 0402),
L3 = 0 Ω (size 0603),
R9 = 1.1 kΩ (size 0402),
R14 = 0 Ω (size 0402),
R22 = 10 kΩ (size 0402),
R23 = 15 kΩ (size 0402),
VGS0 = VGS1 = 3-pin shunt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com