Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5606ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5606ACPZ-R7
Description  1800 MHz to 2700 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5606ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5606ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADL5606
Rev. 0 | Page 15 of 20
ACPR AND EVM
All adjacent channel power ratio (ACPR) and error vector
magnitude (EVM) measurements were made using a single
W-CDMA carrier and Test Model 1-64.
The signal is generated by a very low ACPR source and is meas-
ured at the output by a high dynamic range spectrum analyzer.
For ACPR measurements, the filter setting was chosen for low
ACPR; for EVM measurements, the low EVM setting was selected.
The spectrum analyzer incorporates an instrument noise correc-
tion function, and highly linear amplifiers were used to boost
the power levels for ACPR measurements.
Figure 26 shows ACPR vs. POUT at 1960 MHz and 2140 MHz.
For power levels up to 18 dBm, an ACPR of 50 dBc or better
can be achieved at 1960 MHz and 2140 MHz.
Figure 27 shows EVM vs. POUT at 1960 MHz and 2140 MHz.
The EVM measured is 0.5% for power levels up to 18 dBm at
1960 MHz and 2140 MHz. The baseline composite EVM for
the signal source was approximately 0.5%. When operated in
the linear region, there is little or no contribution to EVM by
the amplifier.
THERMAL CONSIDERATIONS
The ADL5606 is packaged in a thermally efficient 4 mm ×
4 mm, 16-lead LFCSP. The thermal resistance from junction
to air (θJA) is 52.9°C/W. The thermal resistance for the product
was extracted assuming a standard 4-layer JEDEC board with
25 copper plated thermal vias. The thermal vias are filled with
conductive copper paste (AE3030 with thermal conductivity of
7.8 W/mK and thermal expansion α1 of 4 × 10−5/°C and α2 of
8.6 × 10−5/°C). The thermal resistance from junction to case (θJC)
is 12.9°C/W, where the case is the exposed pad of the lead frame
package.
For the best thermal performance, it is recommended that as
many thermal vias as possible be added under the exposed pad
of the LFCSP. The thermal resistance values assume a minimum
of 25 thermal vias arranged in a 5 × 5 array with a via diameter
of 8 mils, via pad of 16 mils, and a pitch of 20 mils. The vias are
plated with copper, and the drill hole is filled with a conductive
copper paste.
For optimal performance, it is recommended that the thermal
vias be filled with a conductive paste of the equivalent thermal
conductivity specified earlier in this section; alternatively, an
external heat sink can be used to dissipate heat quickly without
affecting the die junction temperature. It is also recommended
that the ground pattern be extended above and below the device
to improve thermal efficiency (see Figure 35).
SOLDERING INFORMATION AND RECOMMENDED
PCB LAND PATTERN
Figure 35 shows the recommended land pattern for the ADL5606.
To minimize thermal impedance, the exposed paddle on the
4 mm × 4 mm LFCSP is soldered to a ground plane along with
Pin 5 to Pin 8 and Pin 13 to Pin 16. To improve thermal dissi-
pation, 25 thermal vias are arranged in a 5 × 5 array under the
exposed paddle. Areas above and below the paddle are tied with
regular vias. If multiple ground layers exist, they should be tied
together using vias. For more information about land pattern
design and layout, see the AN-772 Application Note, A Design
and Manufacturing Guide for the Lead Frame Chip Scale Package
(LFCSP).
RFOUT
RFIN
16 MIL VIA PAD
WITH 8 MIL VIA
16
13
58
Figure 35. Recommended Land Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com