Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP198 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP198
Description  Logic Controlled, 1 A, High-Side Load
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP198 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP198 Datasheet HTML 8Page - Analog Devices ADP198 Datasheet HTML 9Page - Analog Devices ADP198 Datasheet HTML 10Page - Analog Devices ADP198 Datasheet HTML 11Page - Analog Devices ADP198 Datasheet HTML 12Page - Analog Devices ADP198 Datasheet HTML 13Page - Analog Devices ADP198 Datasheet HTML 14Page - Analog Devices ADP198 Datasheet HTML 15Page - Analog Devices ADP198 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADP198
Rev. D | Page 13 of 16
ENABLE FEATURE
The ADP198 uses the EN pin to enable and disable the VOUT
pin under normal operating conditions. As shown in Figure 25,
when a rising VEN voltage crosses the active threshold, VOUT
turns on. When a falling VEN voltage crosses the inactive
threshold, VOUT turns off.
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
ENABLE VOLTAGE (V)
VIN RISING
VIN FALLING
Figure 25. Typical EN Operation
As shown in Figure 25, the EN pin has hysteresis built in. This
prevents on/off oscillations that can occur due to noise on the
EN pin as it passes through the threshold points.
The EN pin active/inactive thresholds derive from the VIN voltage;
therefore, these thresholds vary with the changing input voltage.
Figure 26 shows the typical EN active/inactive thresholds when
the input voltage varies from 1.65 V to 6.5 V.
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1
2
3
4
5
6
7
INPUT VOLTAGE (V)
EN RISE
EN FALL
Figure 26. Typical EN Thresholds vs. Input Voltage (VIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com