Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP199ACBZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP199ACBZ-R7
Description  3.6 V, 500 mA Logic Controlled
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP199ACBZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP199ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP199ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP199ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP199ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP199ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP199ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP199ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADP199ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADP199ACBZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADP199
Data Sheet
Rev. 0 | Page 8 of 16
TEMPERATURE (°C)
0.01
10
0.1
1
–40
–20
0
20406080
100
0.8V
1.0V
1.2V
1.5V
1.8V
2.2V
2.6V
3.0V
3.3V
3.6V
Figure 16. Output Shutdown Current vs. Temperature,
VOUT = 0 V, Different Input Voltage (VIN)
CH2 500mV
CH1 1V
BW
BW
BW
CH3 20mA Ω
M10µs
A CH1
100mV
1
3
T 10%
2
OUTPUT VOLTAGE
VEN
INPUT CURRENT
Figure 17. Typical Turn-On Time and Inrush Current,
VIN = 1.2 V, 10 mA Load, COUT = 1 μF
CH2 500mV
CH1 1V
BW
BW
BW
CH3 200mA Ω
M10µs
A CH1
100mV
1
3
T 10%
2
OUTPUT VOLTAGE
VEN
INPUT CURRENT
Figure 18. Typical Turn-On Time and Inrush Current,
VIN = 1.2 V, 500 mA Load, COUT = 1 μF
CH2 1V
CH1 1V
BW
BW
BW
CH3 50mA Ω
M10µs
A CH1
100mV
1
3
T 10%
2
OUTPUT VOLTAGE
VEN
INPUT CURRENT
Figure 19. Typical Turn-On Time and Inrush Current,
VIN = 1.8 V, 10 mA Load, COUT = 1 μF
CH2 1V
CH1 1V
BW
BW
BW
CH3 200mA Ω
M10µs
A CH1
100mV
T 10%
1
3
2
OUTPUT VOLTAGE
VEN
INPUT CURRENT
Figure 20. Typical Turn-On Time and Inrush Current,
VIN = 1.8 V, 500 mA Load, COUT = 1 μF
CH2 1V
CH1 2V
BW
BW
BW
CH3 200mA Ω
M4µs
A CH1
1.28mV
T 10%
1
3
2
OUTPUT VOLTAGE
VEN
INPUT CURRENT
Figure 21. Typical Turn-On Time and Inrush Current,
VIN = 3.6 V, 10 mA Load, COUT = 1 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com