Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1614 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1614
Description  650 kHz/1.3 MHz, 4 A, Step-Up
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1614 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1614 Datasheet HTML 8Page - Analog Devices ADP1614 Datasheet HTML 9Page - Analog Devices ADP1614 Datasheet HTML 10Page - Analog Devices ADP1614 Datasheet HTML 11Page - Analog Devices ADP1614 Datasheet HTML 12Page - Analog Devices ADP1614 Datasheet HTML 13Page - Analog Devices ADP1614 Datasheet HTML 14Page - Analog Devices ADP1614 Datasheet HTML 15Page - Analog Devices ADP1614 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADP1614
Rev. 0 | Page 13 of 16
CHOOSING THE INPUT AND OUTPUT CAPACITORS
The ADP1614 requires input and output bypass capacitors to
supply transient currents while maintaining constant input
and output voltages. Use low equivalent series resistance (ESR)
capacitors of 10 µF or greater to prevent noise at the ADP1614
input. Place the capacitor between VIN and GND, as close as
possible to the ADP1614. Ceramic capacitors are preferable
because of their low ESR characteristics. Alternatively, use a
high value, medium ESR capacitor in parallel with a 0.1 µF low
ESR capacitor, placed as close as possible to the ADP1614.
The output capacitor maintains the output voltage and supplies
current to the load while the ADP1614 switch is on. The value
and characteristics of the output capacitor greatly affect the
output voltage ripple and stability of the regulator. A low ESR
ceramic dielectric capacitor is preferable. The output voltage
ripple (∆VOUT) is calculated as follows:
OUT
ON
OUT
OUT
C
OUT
C
t
I
C
Q
V
×
=
=
∆
(8)
where:
QC is the charge removed from the capacitor.
COUT is the output capacitance.
IOUT is the output load current.
tON is the on time of the switch.
The on time of the switch is determined as follows:
SW
ON
f
D
t
=
(9)
The input (VIN) and output (VOUT) voltages determine the
switch duty cycle (D) as follows:
OUT
IN
OUT
V
V
V
D
−
=
(10)
Choose the output capacitor based on the following equation:
OUT
OUT
SW
IN
OUT
OUT
OUT
V
V
f
V
V
I
C
∆
×
×
−
×
≥
)
(
(11)
Multilayer ceramic capacitors are recommended for this
application.
DIODE SELECTION
The output rectifier conducts the inductor current to the output
capacitor and load while the switch is off. For high efficiency,
minimize the forward voltage drop of the diode. For this reason,
using Schottky rectifiers is recommended. However, for high
voltage, high temperature applications, where the Schottky
rectifier reverse leakage current becomes significant and can
degrade efficiency, use an ultrafast junction diode.
Many diode manufacturers derate the current capability of the
diode as a function of the duty cycle. Verify that the output
diode is rated to handle the average output load current with
the minimum duty cycle. The minimum duty cycle in CCM of
the ADP1614 is
OUT
MAX
IN
OUT
MIN
V
V
V
D
)
(
−
=
(12)
where VIN(MAX) is the maximum input voltage.
The following are suggested Schottky diode manufacturers:
•
ON Semiconductor
•
Diodes, Inc.
•
Toshiba
•
ROHM Semiconductor
LOOP COMPENSATION
The ADP1614 uses external components to compensate the
regulator loop, allowing optimization of the loop dynamics for a
given application.
The step-up converter produces an undesirable right-half plane
zero in the regulation feedback loop. This requires compensating
the regulator such that the crossover frequency occurs well below
the frequency of the right-half plane zero. The right-half plane
zero is determined by the following equation:
L
R
V
V
RHP
F
LOAD
OUT
IN
Z
×
π
×


=
2
)
(
2
(13)
where:
FZ(RHP) is the right-half plane zero.
RLOAD is the equivalent load resistance or the output voltage
divided by the load current.
To stabilize the regulator, ensure that the regulator crossover
frequency is less than or equal to one-fifth of the right-half
plane zero.
The regulator loop gain is
OUT
CS
COMP
OUT
MEA
OUT
IN
OUT
FB
VL
Z
G
Z
R
G
V
V
V
V
A
×
×
×
×
×
=
(14)
where:
AVL is the loop gain.
VFB is the feedback regulation voltage, 1.245 V.
VOUT is the regulated output voltage.
VIN is the input voltage.
GMEA is the error amplifier transconductance gain.
ROUT = 67 MΩ.
ZCOMP is the impedance of the series RC network from COMP
to GND.
GCS is the current sense transconductance gain (the inductor
current divided by the voltage at COMP), which is internally
set by the ADP1614.
ZOUT is the impedance of the load in parallel with the output
capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com