Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2164 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP2164
Description  6.5 V, 4 A, High Efficiency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2164 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP2164 Datasheet HTML 9Page - Analog Devices ADP2164 Datasheet HTML 10Page - Analog Devices ADP2164 Datasheet HTML 11Page - Analog Devices ADP2164 Datasheet HTML 12Page - Analog Devices ADP2164 Datasheet HTML 13Page - Analog Devices ADP2164 Datasheet HTML 14Page - Analog Devices ADP2164 Datasheet HTML 15Page - Analog Devices ADP2164 Datasheet HTML 16Page - Analog Devices ADP2164 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
ADP2164
Rev. 0 | Page 13 of 20
FUNCTIONAL BLOCK DIAGRAM
SOFT
START
+
+
+
–
GM
ZCOMP
ERROR AMP
LOGIC
CONTROL
0.6V
PFET
NFET
0.66V
0.54V
+
–
+
–
PMOS
CURRENT
SENSE AMP
NMOS
CURRENT
SENSE AMP
OSCILLATOR
SLOPE
COMPENSATION
REGULATOR
UVLO
ADP2164
PGND
CLK
RT
SYNC
VIN
EN
PVIN
SW
GND
PGOOD
FB
TRK
Figure 36. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com