Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2325 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP2325
Description  Dual 5 A, 20 V Synchronous Step-Down
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2325 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP2325 Datasheet HTML 9Page - Analog Devices ADP2325 Datasheet HTML 10Page - Analog Devices ADP2325 Datasheet HTML 11Page - Analog Devices ADP2325 Datasheet HTML 12Page - Analog Devices ADP2325 Datasheet HTML 13Page - Analog Devices ADP2325 Datasheet HTML 14Page - Analog Devices ADP2325 Datasheet HTML 15Page - Analog Devices ADP2325 Datasheet HTML 16Page - Analog Devices ADP2325 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
ADP2325
Rev. 0 | Page 13 of 32
Figure 29. Power Saving Mode
Figure 30. Soft Start with Full Load
Figure 31. Load Transient Response, 1 A to 4 A
Figure 32. Dual Phase, Single Output, VOUT = 3.3 V, IOUT = 10 A
Figure 33. Soft Start with Precharged Output
Figure 34. Line Transient Response, VIN from 8 V to 14 V, IOUT = 5 A
CH1 100mV
M 1ms
A CH2
8.4V
1
4
2
T 47.2%
CH4 1A Ω
B
W
CH2 10V
IL
SW
VOUT (AC)
CH1 2V
CH2 5V
CH3 10V
M 1ms
A CH3
3.4V
3
1
2
4
T 20.2%
CH4 5A Ω
B
W
PGOOD
IOUT
EN
VOUT
CH1 100mV
M 200µs
A CH4
3.4A
1
4
T 20.2%
CH4 2A Ω
B
W
IOUT
VOUT (AC)
B
W
B
W
CH2 10V
CH4 2A
CH1 10V
CH3 2A
M 1µs
A CH2
5.6V
1
2
4
T 50.4%
ΩΩ
SW1
SW2
IL1
IL2
CH1 2V
CH2 5V
CH3 10V
M 1ms
A CH3
3.4V
3
1
2
4
T 20.2%
CH4 2A Ω
B
W
PGOOD
IL
EN
VOUT
CH1 20mV
M 400µs
A CH3
11.5V
1
3
T 73.8%
B
W
CH3 5V
B
W
VIN
VOUT (AC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com