Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1878ACPZ-1.0-R7 Datasheet(PDF) 39 Page - Analog Devices

Part # ADP1878ACPZ-1.0-R7
Description  Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1878ACPZ-1.0-R7 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADP1878ACPZ-1.0-R7 Datasheet HTML 32Page - Analog Devices ADP1878ACPZ-1.0-R7 Datasheet HTML 33Page - Analog Devices ADP1878ACPZ-1.0-R7 Datasheet HTML 34Page - Analog Devices ADP1878ACPZ-1.0-R7 Datasheet HTML 35Page - Analog Devices ADP1878ACPZ-1.0-R7 Datasheet HTML 36Page - Analog Devices ADP1878ACPZ-1.0-R7 Datasheet HTML 37Page - Analog Devices ADP1878ACPZ-1.0-R7 Datasheet HTML 38Page - Analog Devices ADP1878ACPZ-1.0-R7 Datasheet HTML 39Page - Analog Devices ADP1878ACPZ-1.0-R7 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
Data Sheet
ADP1878/ADP1879
Rev. A | Page 39 of 40
PACKAGING AND ORDERING INFORMATION
OUTLINE DIMENSIONS
Figure 96. 14-Lead Lead Frame Chip Scale Package [LFCSP_WD]
4 mm × 3 mm Body, Very Very Thin Dual
(CP-14-2)
Dimensions shown in millimeters
COMPLIANT
TO JEDEC STANDARDS MO-229-WEGD
BOTTOM VIEW
TOP VIEW
END VIEW
SIDE VIEW
1
7
8
14
SEATING
PLANE
0.80
0.75
0.70
0.30
0.25
0.20
0.05 MAX
0.02 NOM
0.15 REF
0.10
REF
0.90
REF
0.30
REF
0.50 BSC
COPLANARITY
0.08
PIN 1 INDICATOR
(LASER MARKING)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
EXPOSED
PAD
0.50
0.40
0.30
1.80
1.70
1.55
3.40
3.30
3.15
3.10
3.00
2.90
4.10
4.00
3.90
0.20 MIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com