Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP222ACPZ-2827-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP222ACPZ-2827-R7
Description  Dual, 300 mA Output, Low Noise
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP222ACPZ-2827-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP222ACPZ-2827-R7 Datasheet HTML 11Page - Analog Devices ADP222ACPZ-2827-R7 Datasheet HTML 12Page - Analog Devices ADP222ACPZ-2827-R7 Datasheet HTML 13Page - Analog Devices ADP222ACPZ-2827-R7 Datasheet HTML 14Page - Analog Devices ADP222ACPZ-2827-R7 Datasheet HTML 15Page - Analog Devices ADP222ACPZ-2827-R7 Datasheet HTML 16Page - Analog Devices ADP222ACPZ-2827-R7 Datasheet HTML 17Page - Analog Devices ADP222ACPZ-2827-R7 Datasheet HTML 18Page - Analog Devices ADP222ACPZ-2827-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
ADP222/ADP223/ADP224/ADP225
Rev. B | Page 15 of 24
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VRIPPLE = 50mV
VIN = 2.5V
VOUT = 1.8V
COUT = 1µF
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 300mA
Figure 53. Power Supply Rejection Ratio vs. Frequency,
VIN = 2.5 V, VOUTx = 1.8 V
CH2 10mV
CH1 1V
CH3 10mV
B
W
B
W
M1µs
A CH4
200mV
1
3
2
T 10.40%
B
W
VIN
VOUT2
VOUT1
Figure 54. Transient Line Response, VOUTx = 3.3 V and 2.8 V, VIN = 4 V to 5 V,
ILOAD = 10 mA
CH2 10mV
CH1 1V
CH3 10mV
B
W
B
W
M4µs
A CH4
200mV
1
3
2
T 9.8%
B
W
VIN
VOUT2
VOUT1
Figure 55. Transient Line Response, VOUTx = 1.2 V and 1.8 V, VIN = 4 V to 5 V,
ILOAD = 10 mA
CH2 10mV
CH1 1V
CH3 10mV
B
W
B
W
M1µs
A CH4
200mV
1
3
2
T 9.8%
B
W
VIN
VOUT2
VOUT1
Figure 56. Transient Line Response, VOUTx = 3.3 V and 2.8 V, VIN = 4 V to 5 V,
ILOAD = 300 mA
CH2 10mV
CH1 1V
CH3 10mV
B
W
B
W
M1µs
A CH4
200mV
1
3
2
T 10.00%
B
W
VIN
VOUT2
VOUT1
Figure 57. Transient Line Response, VOUTx = 1.2 V and 1.8 V, VIN = 4 V to 5 V,
ILOAD = 300 mA
CH2 50mV
CH1 200mA
Ω
CH3 10mV
B
W
B
W
M10µs A CH1
200mA
1
3
2
T 10.20%
B
W
VOUT2
VOUT1
LOAD CURRENT
ON VOUT1
Figure 58. Transient Load Response, VOUTx = 3.3 V, ILOAD = 1 mA to 300 mA;
VOUTx = 2.8 V, ILOAD = 1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com