Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2381 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP2381
Description  20 V, 6 A Synchronous Step-Down
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2381 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP2381 Datasheet HTML 9Page - Analog Devices ADP2381 Datasheet HTML 10Page - Analog Devices ADP2381 Datasheet HTML 11Page - Analog Devices ADP2381 Datasheet HTML 12Page - Analog Devices ADP2381 Datasheet HTML 13Page - Analog Devices ADP2381 Datasheet HTML 14Page - Analog Devices ADP2381 Datasheet HTML 15Page - Analog Devices ADP2381 Datasheet HTML 16Page - Analog Devices ADP2381 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
ADP2381
Rev. 0 | Page 13 of 28
THEORY OF OPERATION
The ADP2381 is a synchronous, step-down, dc-to-dc regulator.
It uses current-mode architecture with an integrated high-side
power switch and a low-side driver. It targets high performance
applications that require high efficiency and design flexibility.
The ADP2381 can operate with an input voltage from 4.5 V to
20 V and regulate the output voltage down to 0.6 V. Additional
features for design flexibility include programmable switching
frequency, soft start, external compensation, and power-good pin.
CONTROL SCHEME
The ADP2381 uses fixed frequency, peak current-mode PWM
control architecture. At the start of each oscillator cycle, the
high-side N-MOSFET is turned on, putting a positive voltage
across the inductor. Current in the inductor increases until
the current sense signal crosses the peak inductor current thresh-
old that turns off the high-side N-MOSFET and turns on the
low-side N-MOSFET. This puts a negative voltage across the
inductor, causing the inductor current to decrease. The low-
side N-MOSFET stays on for the rest of the cycle.
INTERNAL REGULATOR (VREG)
The internal regulator provides a stable supply for the internal
circuits and provides bias voltage for the low-side gate driver.
Placing a 1 µF ceramic capacitor between VREG and GND is
recommended. The internal regulator also includes a current-
limit circuit to protect the circuit if the maximum external
load is added.
BOOTSTRAP CIRCUITRY
The ADP2381 has integrated the boot regulator to provide the
gate drive voltage for the high-side N-MOSFET. It generates a
5 V bootstrap voltage between BST and SW by differential
sensing.
It is recommended to place a 0.1 µF, X7R or X5R ceramic
capacitor between the BST pin and the SW pin.
LOW-SIDE DRIVER
The LD pin provides the gate driver for the low-side N-channel
MOSFET. Internal circuitry monitors the external MOSFET to
ensure break-before-make switching to prevent cross
conduction.
OSCILLATOR
The ADP2381 switching frequency is controlled by the RT pin.
If the RT pin is connected to GND, the switching frequency is
set to 290 kHz. If the RT pin is open, the switching frequency is
set to 550 kHz. A resistor connected from RT to GND can
program the switching frequency according to the following
equation:
15
]
kΩ
[
600
,
57
]
kHz
[
+
=
OSC
SW
R
f
A 100 kΩ resistor sets the frequency to 500 kHz, and a 215 kΩ
resistor sets the frequency to 250 kHz. Figure 31 shows the typical
relationship between fSW and ROSC.
Figure 31. Switching Frequency vs. ROSC
SYNCHRONIZATION
To synchronize the ADP2381, connect an external clock to the
SYNC pin. The frequency of the external clock can be in the
range of 250 kHz to 1.4 MHz. During synchronization, the
switching rising edge runs 180° out of phase with the external
clock rising edge.
When the ADP2381 is being synchronized, connect a resistor
from the RT pin to GND to program the internal oscillator to
run at 90% to 110% of the external synchronization clock.
ENABLE AND SOFT START
When the voltage of the EN/SS pin exceeds 0.5 V, the ADP2381
starts operation.
The ADP2381 has an internal digital soft start. The internal soft
start time can be calculated by using the following equation:
)
ms
(
]
kHz
[
1500
_
SW
INT
SS
f
t
=
A slow soft start time can be programmed by the EN/SS pin.
Place a capacitor between the EN/SS pin and GND. An internal
current charges this capacitor to establish the soft start ramp.
The soft start time can be calculated by using the following
equation:
UP
SS
SS
EXT
SS
I
C
t
_
_
V
6
.
0
×
=
where:
CSS is the soft start capacitance.
ISS_UP is the soft start pull-up current (3.3 µA).
The internal error amplifier includes three positive inputs: the
internal reference voltage, the internal digital soft start voltage,
and the EN/SS voltage. The error amplifier regulates the FB
voltage to the lowest of the three voltages.
1400
1200
1000
800
600
400
200
0
20
60
100
140
180
220
260
300
ROSC (kΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com