Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1879ACPZ-1.0-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADP1879ACPZ-1.0-R7
Description  Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1879ACPZ-1.0-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADP1879ACPZ-1.0-R7 Datasheet HTML 26Page - Analog Devices ADP1879ACPZ-1.0-R7 Datasheet HTML 27Page - Analog Devices ADP1879ACPZ-1.0-R7 Datasheet HTML 28Page - Analog Devices ADP1879ACPZ-1.0-R7 Datasheet HTML 29Page - Analog Devices ADP1879ACPZ-1.0-R7 Datasheet HTML 30Page - Analog Devices ADP1879ACPZ-1.0-R7 Datasheet HTML 31Page - Analog Devices ADP1879ACPZ-1.0-R7 Datasheet HTML 32Page - Analog Devices ADP1879ACPZ-1.0-R7 Datasheet HTML 33Page - Analog Devices ADP1879ACPZ-1.0-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
ADP1878/ADP1879
Data Sheet
Rev. A | Page 30 of 40
Feedback Resistor Network Setup
Choosing RB = 1 kΩ as an example. Calculate RT as follows:
1kΩ
1.8V
0.6V
0.6V
2kΩ
Compensation Network
To calculate RCOMP, CCOMP, and CPAR, the transconductance
parameter and the current sense gain variable are required. The
transconductance parameter (Gm) is 500 μA/V, and the current
sense loop gain is
1
1
24 0.005
8.33A/V
where ACS and RON are taken from setting up the current limit
(see the Programming Resistor (RES) Detect Circuit section
and the Valley Current-Limit Setting section).
The crossover frequency is 1/12th of the switching frequency:
300 kHz/12 = 25 kHz
The zero frequency is 1/4th of the crossover frequency:
25 kHz/4 = 6.25 kHz
1
1
1
1
25kΩ
√25kΩ
6.25kΩ
1
2π 25kΩ
1.8/15
0.0035
0.0011
1
2π 25kΩ 0.0035 0.0011
1.8
0.6
1
500 10
8.3
15
1.8
= 60.25 kΩ
1
2
1
2 3.14 60.25 10
6.25 10
= 423 pF
Loss Calculations
Duty cycle = 1.8/12 V = 0.15
RON(N2) = 5.4 mΩ
tBODY(LOSS) = 20 ns (body conduction time)
VF = 0.84 V (MOSFET forward voltage)
CIN = 3.3 nF (MOSFET gate input capacitance)
QN1,N2 = 17 nC (total MOSFET gate charge)
RGATE = 1.5 Ω (MOSFET gate input resistance)
1,
1
1
= (0.15 × 0.0054 + 0.85 × 0.0054) × (15 A)2
= 1.215 W
2
= 20 ns × 300 × 103 × 15 A × 0.84 × 2
= 151.2 mW
PSW(LOSS) = fSW × RGATE × CTOTAL × ILOAD × VIN × 2
= 300 × 103 × 1.5 Ω × 3.3 × 10−9 × 15 A × 12 × 2
= 534.6 mW
PDR(LOSS) = [VDR × (fSWCupperFETVDR + IBIAS)] + [VREG ×
(fSWClowerFETVREG +IBIAS)]
=(4.62 × (300 ×103 × 3.3 × 10−9 × 4.62 + 0.002)) +
(5.0 × (300 × 103 × 3.3 × 10−9 × 5.0 + 0.002))
= 57.12 mW
PDISS(LDO) = (VIN – VREG) × (fSW × CTOTAL × VREG + IBIAS)
= (13 V – 5 V) × (300 × 103 × 3.3 × 10−9 × 5 + 0.002)
= 55.6 mW
PCOUT = (IRMS)2 × ESR = (1.5 A)2 × 1.4 mΩ = 3.15 mW
2
)
(
LOAD
LOSS
DCR
I
DCR
P
= 0.003 × (15 A)2 = 675 mW
PCIN = (IRMS)2 × ESR = (7.5 A)2 × 1 mΩ = 56.25 mW
PLOSS = PN1,N2 + PBODY(LOSS) + PSW + PDCR + PDR + PDISS(LDO) + PCOUT
+ PCIN = 1.215 W + 151.2 mW + 534.6 mW + 57.12 mW +
55.6 + 3.15 mW + 675 mW + 56.25 mW = 2.655 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com