Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP225ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP225ACPZ-R7
Description  Dual, 300 mA Output, Low Noise
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP225ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP225ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP225ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP225ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP225ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP225ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP225ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP225ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP225ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP225ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADP222/ADP223/ADP224/ADP225
Rev. B | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5 V, VOUT1 = 3.3 V, VOUT2 = 2.8 V, IOUT1 = IOUT2 = 1 mA, CIN = COUT = 1 µF, TA = 25°C, unless otherwise noted.
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 300mA
Figure 5. Output Voltage vs. Junction Temperature, VOUTx = 3.3 V,
ADP222/ADP224
2.75
2.76
2.77
2.78
2.79
2.80
2.81
2.82
2.83
2.84
2.85
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
LOAD = 10µA
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 300mA
Figure 6. Output Voltage vs. Junction Temperature, VOUTx = 2.8 V,
ADP222/ADP224
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
LOAD = 10µA
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 300mA
Figure 7. Output Voltage vs. Junction Temperature, VOUTx = 1.8 V,
ADP222/ADP224
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
LOAD = 10µA
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 300mA
Figure 8. Output Voltage vs. Junction Temperature, VOUTx = 1.2 V,
ADP222/ADP224
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
0.01
0.1
1
10
100
1000
ILOAD (mA)
Figure 9. Output Voltage vs. Load Current, VOUTx = 3.3 V, ADP222/ADP224
2.75
2.76
2.77
2.78
2.79
2.80
2.81
2.82
2.83
2.84
2.85
0.01
0.1
1
10
100
1000
ILOAD (mA)
Figure 10. Output Voltage vs. Load Current, VOUTx = 2.8 V, ADP222/ADP224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com