Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP223ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP223ACPZ-R7
Description  Dual, 300 mA Output, Low Noise
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP223ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP223ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP223ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP223ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP223ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP223ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP223ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP223ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP223ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP223ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADP222/ADP223/ADP224/ADP225
Data Sheet
Rev. B | Page 6 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
EN1
VOUT1
VIN
EN2
GND
6
4
3
2
SENSE2
VOUT2
1
8
5
7
SENSE1
NOTES
1. CONNECT EXPOSED PAD TO GND.
ADP222/
ADP224
Figure 3. ADP222/ADP224 Pin Configuration
EN1
VOUT1
VIN
EN2
ADP223/
ADP225
GND
6
4
3
2
ADJ2
VOUT2
1
8
5
7
ADJ1
NOTES
1. CONNECT EXPOSED PAD TO GND.
Figure 4. ADP223/ADP225 Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
ADP222/ADP224
ADP223/ADP225
Mnemonic
Description
1
1
EN1
Enable Input for the Second Regulator. Drive EN1 high to turn on Regulator 1 and
drive EN1 low to turn off Regulator 1. For automatic startup, connect EN1 to VIN.
2
2
EN2
Enable Input for the First Regulator. Drive EN2 high to turn on Regulator 2 and drive
EN2 low to turn off Regulator 2. For automatic startup, connect EN2 to VIN.
3
3
GND
Ground Pin.
N/A1
4
ADJ2
Adjust Pin for VOUT2. A resistor divider from VOUT2 to ADJ2 sets the output
voltage.
4
N/A1
SENSE2
Sense Pin for VOUT2.
5
5
VOUT2
Regulated Output Voltage. Connect an 1 µF or greater output capacitor between
VOUT2 and GND.
6
6
VIN
Regulator Input Supply. Bypass VIN to GND with a 1 µF or greater capacitor.
7
7
VOUT1
Regulated Output Voltage. Connect 1 µF or greater output capacitor between
VOUT1 and GND.
N/A1
8
ADJ1
Adjust Pin for VOUT1. A resistor divider from VOUT1 to ADJ1 sets the output
voltage.
8
N/A1
SENSE1
Sense Pin for VOUT1.
EPAD
The exposed paddle must be connected to ground.
1
N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com