Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2164ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP2164ACPZ-R7
Description  6.5 V, 4 A, High Efficiency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2164ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP2164ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2164ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2164ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2164ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2164ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2164ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2164ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2164ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2164ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
ADP2164
Rev. 0 | Page 15 of 20
POWER GOOD
PGOOD is an active high, open-drain output and requires a
resistor to pull it up to the logic supply voltage. PGOOD high
indicates that the voltage on the FB pin (and, therefore, the
output voltage) is within 10% of the desired value. PGOOD low
indicates the opposite. There is a 16-cycle waiting period after
the FB voltage is detected as being out of bounds. If FB returns
to within the ±10% range, it is ignored by the PGOOD circuitry.
CURRENT LIMIT AND SHORT-CIRCUIT PROTECTION
The ADP2164 has a peak current limit protection circuit to
prevent current runaway. The peak current limit is 6.2 A. When
the inductor current reaches the peak current limit, the high-side
MOSFET turns off and the low-side MOSFET turns on until the
next cycle begins.
The overcurrent counter is incremented by 1 at each peak
current limit event. If the overcurrent counter exceeds 10, the
part enters hiccup mode, and the high-side FET and low-side
FET are both turned off. The part remains in this mode for
4096 clock cycles and then attempts to restart using soft start.
If the current limit fault has cleared, the part resumes normal
operation. If the current limit fault has not cleared, the part
reenters hiccup mode after first counting 10 current limit
violations.
OVERVOLTAGE PROTECTION (OVP)
Overvoltage protection (OVP) circuitry is integrated in the
ADP2164. The output voltage is continuously monitored by
a comparator through the FB pin, which is at 0.6 V (typical)
under normal operation. The comparator is activated when the
FB voltage exceeds 0.66 V (typical), thus indicating an output
overvoltage condition. If the voltage remains above the OVP
threshold for 16 clock cycles, the high-side MOSFET turns off
and the low-side MOSFET turns on until the current through it
reaches the −1.3 A current limit. Both MOSFETs remain in the
off state until FB falls below 0.54 V (typical), after which the
part restarts. The behavior of PGOOD under this condition is
described in the Power Good section.
UNDERVOLTAGE LOCKOUT (UVLO)
Undervoltage lockout (UVLO) circuitry is integrated in the
ADP2164. If the input voltage falls below 2.5 V, the ADP2164
shuts down, and both the power switch and the synchronous
rectifier turn off. When the voltage rises above 2.6 V again,
the soft start is initiated, and the part is enabled.
THERMAL SHUTDOWN
If the ADP2164 junction temperature rises above 140°C, the
thermal shutdown circuit turns off the regulator. Extreme junc-
tion temperatures can be the result of high current operation,
poor circuit board design, and/or high ambient temperature.
When thermal shutdown occurs, a 15°C hysteresis ensures that
the ADP2164 does not return to operation until the on-chip
temperature falls below 125°C. Soft start is initiated when the
part comes out of thermal shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com