Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7102ACPZ-1.8-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP7102ACPZ-1.8-R7
Description  20 V, 300 mA, Low Noise, CMOS LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7102ACPZ-1.8-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP7102ACPZ-1.8-R7 Datasheet HTML 20Page - Analog Devices ADP7102ACPZ-1.8-R7 Datasheet HTML 21Page - Analog Devices ADP7102ACPZ-1.8-R7 Datasheet HTML 22Page - Analog Devices ADP7102ACPZ-1.8-R7 Datasheet HTML 23Page - Analog Devices ADP7102ACPZ-1.8-R7 Datasheet HTML 24Page - Analog Devices ADP7102ACPZ-1.8-R7 Datasheet HTML 25Page - Analog Devices ADP7102ACPZ-1.8-R7 Datasheet HTML 26Page - Analog Devices ADP7102ACPZ-1.8-R7 Datasheet HTML 27Page - Analog Devices ADP7102ACPZ-1.8-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
ADP7102
Data Sheet
Rev. A | Page 26 of 28
ORDERING GUIDE
Model1
Temperature
Range
Output
Voltage (V)2, 3
Package
Description
Package
Option
Branding
ADP7102ACPZ-R7
−40°C to +125°C
Adjustable
LFCSP_WD
CP-8-5
LHO
ADP7102ACPZ-1.5-R7
−40°C to +125°C
1.5
LFCSP_WD
CP-8-5
LJV
ADP7102ACPZ-1.8-R7
−40°C to +125°C
1.8
LFCSP_WD
CP-8-5
LJW
ADP7102ACPZ-2.5-R7
−40°C to +125°C
2.5
LFCSP_WD
CP-8-5
LJZ
ADP7102ACPZ-3.0-R7
−40°C to +125°C
3.0
LFCSP_WD
CP-8-5
LKO
ADP7102ACPZ-3.3-R7
−40°C to +125°C
3.3
LFCSP_WD
CP-8-5
LK1
ADP7102ACPZ-5.0-R7
−40°C to +125°C
5
LFCSP_WD
CP-8-5
LK2
ADP7102ACPZ-9.0-R7
−40°C to +125°C
9
LFCSP_WD
CP-8-5
LLC
ADP7102ARDZ-R7
−40°C to +125°C
Adjustable
SOIC_N_EP
RD-8-2
ADP7102ARDZ-1.5-R7
−40°C to +125°C
1.5
SOIC_N_EP
RD-8-2
ADP7102ARDZ-1.8-R7
−40°C to +125°C
1.8
SOIC_N_EP
RD-8-2
ADP7102ARDZ-2.5-R7
−40°C to +125°C
2.5
SOIC_N_EP
RD-8-2
ADP7102ARDZ-3.0-R7
−40°C to +125°C
3.0
SOIC_N_EP
RD-8-2
ADP7102ARDZ-3.3-R7
−40°C to +125°C
3.3
SOIC_N_EP
RD-8-2
ADP7102ARDZ-5.0-R7
−40°C to +125°C
5
SOIC_N_EP
RD-8-2
ADP7102ARDZ-9.0-R7
−40°C to +125°C
9
SOIC_N_EP
RD-8-2
ADP7102CP-EVALZ
3.3
LFCSP Evaluation Board
ADP7102RD-EVALZ
3.3
SOIC Evaluation Board
ADP7102CPZ-REDYKIT
LFCSP REDYKIT
ADP7102RDZ-REDYKIT
SOIC REDYKIT
1
Z = RoHS Compliant Part.
2
For additional voltage options, contact a local Analog Devices, Inc., sales or distribution representative.
3
The ADP7102CP-EVALZ and ADP7102RD-EVALZ evaluation boards are preconfigured with a 3.3 V ADP7102.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com