Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR3530 Datasheet(PDF) 13 Page - Analog Devices

Part # ADR3530
Description  Micropower, High Accuracy
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3530 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADR3530 Datasheet HTML 9Page - Analog Devices ADR3530 Datasheet HTML 10Page - Analog Devices ADR3530 Datasheet HTML 11Page - Analog Devices ADR3530 Datasheet HTML 12Page - Analog Devices ADR3530 Datasheet HTML 13Page - Analog Devices ADR3530 Datasheet HTML 14Page - Analog Devices ADR3530 Datasheet HTML 15Page - Analog Devices ADR3530 Datasheet HTML 16Page - Analog Devices ADR3530 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
ADR3525/ADR3530/ADR3533/ADR3540/ADR3550
Rev. 0 | Page 13 of 20
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1k
10k
100k
FREQUENCY (Hz)
CL = 1.1µF
CIN = 0.1µF
Figure 21. ADR3550 Ripple Rejection Ratio vs. Frequency
1
2
TIME = 200µs/DIV
CIN = 0µF
CL = 0.1µF
RL = ∞
VIN
2V/DIV
VOUT
2V/DIV
Figure 22. ADR3550 Start-Up Response
1
2
VENABLE = 2V/DIV
VIN = 5.5V
CIN = CL = 0.1µF
RL = ∞
VOUT = 2V/DIV
ENABLE
TIME = 200µs/DIV
Figure 23. ADR3550 Restart Response from Shutdown
1
2
CIN = CL = 0.1µF
VIN = 3V
RL = 1kΩ
VOUT = 1V/DIV
ENABLE
1V/DIV
TIME = 200µs/DIV
Figure 24. ADR3525 Shutdown Response
1
2
CIN = CL = 0.1µF
VOUT = 10mV/DIV
500mV/DIV
3.2V
2.7V
TIME = 1ms/DIV
Figure 25. ADR3525 Line Transient Response
CIN = 0.1µF
CL = 0.1µF
RL = 250Ω
VOUT = 20mV/DIV
SINKING
SINKING
–3mA
2.5V
+10mA
SOURCING
IL
TIME = 1ms/DIV
Figure 26. ADR3525 Load Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com