Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP225 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP225
Description  Dual, 300 mA Output, Low Noise
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP225 Datasheet(HTML) 4 Page - Analog Devices

  ADP225 Datasheet HTML 1Page - Analog Devices ADP225 Datasheet HTML 2Page - Analog Devices ADP225 Datasheet HTML 3Page - Analog Devices ADP225 Datasheet HTML 4Page - Analog Devices ADP225 Datasheet HTML 5Page - Analog Devices ADP225 Datasheet HTML 6Page - Analog Devices ADP225 Datasheet HTML 7Page - Analog Devices ADP225 Datasheet HTML 8Page - Analog Devices ADP225 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADP222/ADP223/ADP224/ADP225
Data Sheet
Rev. B | Page 4 of 24
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
OUTPUT NOISE
OUTNOISE
10 Hz to 100 kHz, VIN = 5 V, VOUT = 3.3 V
56
µV rms
10 Hz to 100 kHz, VIN = 5 V, VOUT = 2.8 V
50
µV rms
10 Hz to 100 kHz, VIN = 3.6 V, VOUT = 2.5 V
45
µV rms
10 Hz to 100 kHz, VIN = 3.6 V, VOUT = 1.2 V
27
µV rms
POWER SUPPLY REJECTION RATIO
PSRR
VIN = 2.5 V, VOUT = 0.8 V, IOUT = 100 mA
100 Hz
76
dB
1 kHz
76
dB
10 kHz
70
dB
100 kHz
60
dB
1 MHz
40
dB
VIN = 3.8 V, VOUT = 2.8 V, IOUT = 100 mA
100 Hz
68
dB
1 kHz
68
dB
10 kHz
68
dB
100 kHz
60
dB
1 MHz
40
dB
1
Accuracy when VOUTx is connected directly to ADJx or SENSEx. When the VOUTx voltage is set by external feedback resistors, the absolute accuracy in adjust mode
depends on the tolerances of resistors used.
2
Based on an end-point calculation using 1 mA and 300 mA loads.
3
Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the nominal output voltage. This applies only for output
voltages above 2.5 V.
4
Start-up time is defined as the time between the rising edge of EN to VOUT being at 90% of its nominal value.
5
Current-limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 3.0 V
output voltage is defined as the current that causes the output voltage to drop to 90% of 3.0 V or 2.7 V.
INPUT AND OUTPUT CAPACITOR, RECOMMENDED SPECIFICATIONS
The minimum input and output capacitance should be greater than 0.70 µF over the full range of the operating conditions. The full range of the
operating conditions in the application must be considered during device selection to ensure that the minimum capacitance specification
is met. X7R and X5R type capacitors are recommended for use with the LDOs, but Y5V and Z5U capacitors are not recommended for use
with the LDOs.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
MINIMUM INPUT AND OUTPUT CAPACITANCE
CMIN
TA = −40°C to +125°C
0.70
µF
CAPACITOR ESR
RESR
TA = −40°C to +125°C
0.001
1
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com