Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6704 Datasheet(PDF) 16 Page - Analog Devices

Part # ADRF6704
Description  2050 MHz to 3000 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6704 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADRF6704 Datasheet HTML 12Page - Analog Devices ADRF6704 Datasheet HTML 13Page - Analog Devices ADRF6704 Datasheet HTML 14Page - Analog Devices ADRF6704 Datasheet HTML 15Page - Analog Devices ADRF6704 Datasheet HTML 16Page - Analog Devices ADRF6704 Datasheet HTML 17Page - Analog Devices ADRF6704 Datasheet HTML 18Page - Analog Devices ADRF6704 Datasheet HTML 19Page - Analog Devices ADRF6704 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
ADRF6704
Data Sheet
Rev. 0 | Page 16 of 36
THEORY OF OPERATION
The ADRF6704 integrates a high performance IQ modulator
with a state of the art fractional-N PLL. The ADRF6704 also
integrates a low noise VCO. The programmable SPI port allows
the user to control the fractional-N PLL functions and the
modulator optimization functions. This includes the capability
to operate with an externally applied LO.
The quadrature modulator core within the ADRF6704 is a part
of the next generation of industry-leading modulators from
Analog Devices, Inc. The baseband inputs are converted to
currents and then mixed to RF using high performance NPN
transistors. The mixer output currents are transformed to a
single-ended RF output using an integrated RF transformer
balun. The high performance active mixer core, coupled with
the low-loss RF transformer balun results in an exceptional
OIP3 and OP1dB, with a very low output noise floor for excel-
lent dynamic range. The use of a passive transformer balun
rather than an active output stage leads to an improvement
in OIP3 with no sacrifice in noise floor. At 2700 MHz the
ADRF6704 typically provides an output P1dB of 12.1 dBm,
OIP3 of 27.2 dBm, and an output noise floor of −158.3 dBm/Hz.
Typical image rejection under these conditions is −37.7 dBc
with no additional I and Q gain compensation.
PLL + VCO
The fractional divide function of the PLL allows the frequency
multiplication value from REFIN to the LOP/LON outputs to
be a fractional value rather than restricted to an integer as in
traditional PLLs. In operation, this multiplication value is INT
+ (FRAC/MOD) where INT is the integer value, FRAC is the
fractional value, and MOD is the modulus value, all of which
are programmable via the SPI port. In previous fractional-N
PLL designs, the fractional multiplication was achieved by
periodically changing the fractional value in a deterministic
way. The downside of this was often spurious components close
to the fundamental signal. In the ADRF6704, a sigma delta
modulator is used to distribute the fractional value randomly,
thus significantly reducing the spurious content due to the
fractional function.
BASIC CONNECTIONS FOR OPERATION
Figure 35 shows the basic connections for operating the
ADRF6704 as they are implemented on the device’s evaluation
board. The seven power supply pins should be individually
decoupled using 100 pF and 0.1 μF capacitors located as close
as possible to the pins. A single 10 μF capacitor is also recom-
mended. The three internal decoupling nodes (labeled DECL3,
DECL2, and DECL1) should be individually decoupled with
capacitors as shown in Figure 35.
The four I and Q inputs should be driven with a bias level of
500 mV. These inputs are generally dc-coupled to the outputs of
a dual DAC (see the DAC-to-IQ Modulator Interfacing and IQ
Filtering sections for more information).
A 1 V p-p (0.353 V rms) differential sine wave on the I and Q
inputs results in a single sideband output power of +5.5 dBm (at
2700 MHz) at the RFOUT pin (this pin should be ac-coupled as
shown in Figure 35). This corresponds to an IQ modulator
voltage gain of +1.5 dB.
The reference frequency for the PLL (typically 1 V p-p between
11 MHz and 160 MHz) should be applied to the REFIN pin,
which should be ac-coupled. If the REFIN pin is being driven
from a 50 Ω source (for example, a lab signal generator), the
pin should be terminated with 50 Ω as shown in Figure 35 (an
RF drive level of +4 dBm should be applied). Multiples or
fractions of the REFIN signal can be brought back off-chip at
the multiplexer output pin (MUXOUT). A lock-detect signal
and an analog voltage proportional to the ambient temperature
can also be brought out on this pin by setting the appropriate
bits on (DB21-DB23) in Register 4 (see the Register Description
section).
EXTERNAL LO
The internally generated local oscillator (LO) signal can be
brought off-chip as either a 1× LO or a 2× LO (via pins LOP
and LON) by asserting the LOSEL pin and making the appro-
priate internal register settings. The LO output must be disabled
whenever the RF output of the IQ modulator is disabled.
The LOP and LON pins can also be used to apply an external
LO. This can be used to bypass the internal PLL/VCO. To turn
off the PLL Register 6, Bits[20:17] must be zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com