Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6701ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADRF6701ACPZ-R7
Description  400 MHz to 1250 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6701ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADRF6701ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6701ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6701ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6701ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6701ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6701ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6701ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6701ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6701ACPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Data Sheet
ADRF6701
Rev. 0 | Page 27 of 36
REGISTER 6—VCO CONTROL AND VCO ENABLE
(DEFAULT: 0X1E2106)
With Register 6, Bits[2:0] set to 110, the VCO control and
enable register is programmed as shown in Figure 47.
The VCO tuning band is normally selected automatically by the
band calibration algorithm, although the user can directly select
the VCO band using Register 6.
The VCO BSSRC bit (DB9) determines whether the result of
the calibration algorithm is used to select the VCO band or if
the band selected is based on the value in VCO band select
(DB8 to DB3).
The VCO amplitude can be controlled through Register 6. The
VCO amplitude setting can be controlled between 0 and 63. The
default value of 8 should be set to a recommended value of 63.
The internal VCOs can be disabled using Register 6.
The internal charge pump can be disabled through Register 6.
By default, the charge pump is enabled.
To turn off the PLL (for example, if the ADRF6701 is being
driven by an external LO), set Register 6, Bits[20:17] to zero.
REGISTER 7—EXTERNAL VCO ENABLE AND
SECOND LO DIVIDER
With Register 7, Bits[2:0] set to 111, the external VCO control
register is programmed as shown in Figure 48.
The external VCO enable bit allows the use of an external VCO
in the PLL instead of the internal VCO. This can be advantageous
in cases where the internal VCO is not capable of providing the
desired frequency or where the internal VCO’s phase noise is
higher than desired. By setting this bit (DB22) to 1, and setting
Register 6, Bits[15:10] to 0, the internal VCO is disabled, and
the output of an external VCO can be fed into the part differ-
entially on Pin 38 and Pin 37 (LOP and LON). Because the loop
filter is already external, the output of the loop filter simply
needs to be connected to the external VCO’s tuning voltage pin.
In addition, Register 7 provides control over a divide-by-2 block
in the LO path using Bit DB4. If DB4 is set to 1, then the divide-
by-2 block is bypassed, and an external 2× LO can be used to
drive the modulator.
CHARGE
PUMP
ENABLE
3.3V
LDO
ENABLE
VCO
ENABLE
VCO
SWITCH
VCO
BW SW
CTRL
VBSRC
0
1
VCO EN
VCO LDO
ENABLE
VCO AMPLITUDE
RESERVED
VCO BAND SELECT FROM SPI
VBS[5:0] VCO BAND SELECT FROM SPI
0x00
DEFAULT 0x20
CHARGE PUMP ENABLE
0x01
….
0x00
0
….
….
0x08
8 (DEFAULT)
….
….
0x2B
43
….
….
0x3F
63 (RECOMMENDED)
0x3F
VCO BW CAL AND SW SOURCE CONTROL
BAND CAL (DEFAULT)
VCO SW
0
1
VCO SWITCH CONTROL FROM SPI
REGULAR (DEFAULT)
BAND CAL
SPI
VCO ENABLE
DISABLE
ENABLE (DEFAULT)
DB22 DB21
DB20
DB19
DB18
DB17
DB16
DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
CONTROL BITS
DB23
CPEN
L3EN
VCO EN VCO SW VC5 VC4 VC3 VC2 VC1 VC0 VBSRC VBS5 VBS4 VBS3 VBS2 VBS1 VBS0 C3(1) C2(1) C1(0)
LVEN
VC[5:0] VCO AMPLITUDE
0
1
LVEN
VCO LDO ENABLE
DISABLE
ENABLE (DEFAULT)
0
1
L3EN 3.3V LDO ENABLE
DISABLE
ENABLE (DEFAULT)
0
1
CPEN
DISABLE
ENABLE (DEFAULT)
0
1
00
0
Figure 47. Register 6—VCO Control and VCO Enable Register Map
DB23
DB22
DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0
XVCO
EXTERNAL
VCO
ENABLE
RES
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
C3(1) C2(1) C1(1)
RESERVED
CONTROL BITS
XVCO
0
1
INTERNAL VCO (DEFAULT)
EXTERNAL VCO
EXTERNAL VCO ENABLE
LDIV2
0
1
DIVIDE BY 4 (DEFAULT)
LO PATH DIVIDE RATIO
DIVIDE BY 2
Figure 48. Register 7—External VCO Enable Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com