Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6702 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF6702
Description  2050 MHz to 3000 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6702 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF6702 Datasheet HTML 9Page - Analog Devices ADRF6702 Datasheet HTML 10Page - Analog Devices ADRF6702 Datasheet HTML 11Page - Analog Devices ADRF6702 Datasheet HTML 12Page - Analog Devices ADRF6702 Datasheet HTML 13Page - Analog Devices ADRF6702 Datasheet HTML 14Page - Analog Devices ADRF6702 Datasheet HTML 15Page - Analog Devices ADRF6702 Datasheet HTML 16Page - Analog Devices ADRF6702 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Data Sheet
ADRF6704
Rev. 0 | Page 13 of 36
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
2500
2550
2600
2650
2700
2750
2800
2850
2900
LO FREQUENCY (MHz)
2× PFD FREQUENCY
4× PFD FREQUENCY
–40°C
+25°C
+85°C
Figure 22. PLL Reference Spurs vs. LO Frequency (2× PFD and 4× PFD) at
Modulator Output
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
2500
2550
2600
2650
2700
2750
2800
2850
2900
LO FREQUENCY (MHz)
1× PFD FREQUENCY
3× PFD FREQUENCY
0.5× PFD FREQUENCY
–40°C
+25°C
+85°C
Figure 23. PLL Reference Spurs vs. LO Frequency (0.5× PFD, 1× PFD,
and 3× PFD) at Modulator Output
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
2500
2550
2600
2650
2700
2750
2800
2850
2900
LO FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 24. VTUNE vs. LO Frequency and Temperature
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
2500
2550
2600
2650
2700
2750
2800
2850
2900
LO FREQUENCY (MHz)
2× PFD FREQUENCY
4× PFD FREQUENCY
–40°C
+25°C
+85°C
Figure 25. PLL Reference Spurs vs. LO Frequency (2× PFD and 4× PFD) at LO
Output
LO FREQUENCY (MHz)
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
2500
2550
2600
2650
2700
2750
2800
2850
2900
0.5× PFD FREQUENCY
1× PFD FREQUENCY
3× PFD FREQUENCY
–40°C
+25°C
+85°C
Figure 26. PLL Reference Spurs vs. LO Frequency (0.5× PFD, 1× PFD, and
3× PFD) at LO Output
–160
–140
–120
–100
–80
–60
–40
–20
0
1k
10k
100k
1M
10M
FREQUENCY (Hz)
LO = 2519.9MHz
LO = 2702.7MHz
LO = 2884.7MHz
Figure 27. Open-Loop VCO Phase Noise at 2519.9 MHz, 2702.7 MHz, and
2884.7 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com