Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2370ACPZ-2.5-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADP2370ACPZ-2.5-R7
Description  High Voltage, 1.2 MHz/600 kHz, 800 mA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2370ACPZ-2.5-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADP2370ACPZ-2.5-R7 Datasheet HTML 24Page - Analog Devices ADP2370ACPZ-2.5-R7 Datasheet HTML 25Page - Analog Devices ADP2370ACPZ-2.5-R7 Datasheet HTML 26Page - Analog Devices ADP2370ACPZ-2.5-R7 Datasheet HTML 27Page - Analog Devices ADP2370ACPZ-2.5-R7 Datasheet HTML 28Page - Analog Devices ADP2370ACPZ-2.5-R7 Datasheet HTML 29Page - Analog Devices ADP2370ACPZ-2.5-R7 Datasheet HTML 30Page - Analog Devices ADP2370ACPZ-2.5-R7 Datasheet HTML 31Page - Analog Devices ADP2370ACPZ-2.5-R7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
ADP2370/ADP2371
Data Sheet
Rev. A | Page 32 of 32
PACKAGING AND ORDERING INFORMATION
OUTLINE DIMENSIONS
PIN 1
INDICATOR
(R 0.2)
EXPOSED
PAD
BOTTOM VIEW
TOP VIEW
1
4
8
5
INDEX
AREA
3.00
BSC SQ
SEATING
PLANE
0.80
0.75
0.70
0.30
0.25
0.18
0.05 MAX
0.02 NOM
0.80 MAX
0.55 NOM
0.20 REF
0.50 BSC
COPLANARITY
0.08
2.48
2.38
2.23
1.74
1.64
1.49
0.50
0.40
0.30
COMPLIANT
TO JEDEC STANDARDS MO-229-WEED-4
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 93. 8-Lead Lead Frame Chip Scale Package [LFCSP]
(CP-8-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Buck Output Voltage (V)
Temperature Range
Package Description
Package Option
Branding
ADP2370ACPZ-1.2-R7
1.2
−40°C to +125°C
8-Lead LFCSP
CP-8-5
LL4
ADP2370ACPZ-1.5-R7
1.5
−40°C to +125°C
8-Lead LFCSP
CP-8-5
LL5
ADP2370ACPZ-1.8-R7
1.8
−40°C to +125°C
8-Lead LFCSP
CP-8-5
LL6
ADP2370ACPZ-2.5-R7
2.5
−40°C to +125°C
8-Lead LFCSP
CP-8-5
LL7
ADP2370ACPZ-3.0-R7
3.0
−40°C to +125°C
8-Lead LFCSP
CP-8-5
LL8
ADP2370ACPZ-3.3-R7
3.3
−40°C to +125°C
8-Lead LFCSP
CP-8-5
LL9
ADP2370ACPZ-5.0-R7
5.0
−40°C to +125°C
8-Lead LFCSP
CP-8-5
LLB
ADP2370ACPZ-R7
Adjustable
−40°C to +125°C
8-Lead LFCSP
CP-8-5
LGZ
ADP2371ACPZ-1.2-R7
1.2 with QOD
−40°C to +125°C
8-Lead LFCSP
CP-8-5
LLJ
ADP2371ACPZ-1.8-R7
1.8 with QOD
−40°C to +125°C
8-Lead LFCSP
CP-8-5
LLK
ADP2371ACPZ-3.3-R7
3.3 with QOD
−40°C to +125°C
8-Lead LFCSP
CP-8-5
LLL
ADP2371ACPZ-R7
Adjustable with QOD
−40°C to +125°C
8-Lead LFCSP
CP-8-5
LLM
ADP2370CPZ-REDYKIT
REDYKIT
1
Z = RoHS Compliant Part.
©2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D09531-0-5/12(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com